Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-R2032 Datasheet(PDF) 57 Page - ABB

Part # EPP-R2032
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-R2032 Datasheet(HTML) 57 Page - ABB

Back Button EPP-R2032 Datasheet HTML 53Page - ABB EPP-R2032 Datasheet HTML 54Page - ABB EPP-R2032 Datasheet HTML 55Page - ABB EPP-R2032 Datasheet HTML 56Page - ABB EPP-R2032 Datasheet HTML 57Page - ABB EPP-R2032 Datasheet HTML 58Page - ABB EPP-R2032 Datasheet HTML 59Page - ABB EPP-R2032 Datasheet HTML 60Page - ABB EPP-R2032 Datasheet HTML 61Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 75 page
background image
58
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
—
RCBO DSE201 M
Technical features and dimentions
—
Installation features
Installation
Terminal type
top (load side)
failsafe cage (shock protected)
bottom (line side)
failsafe bi-directional cylinder-lift terminal (shock
protected)
Terminal size for cables
load side (top)
mm²
16
line side (bottom)
mm²
25
Terminal size for busbars
load side (top)
only for wire connection
line side (bottom)
mm²
10 (Standard ABB busbar / distribution board system)
Tightening torque
top (load side)
Nm
1.2
bottom (line side)
Nm
2.8
Neutral load cable
Type
low smoke halogen free
Lenght
mm
750
Section
mm²
2.5 mm² up to 20 A; 4 mm² up to 50 A
Color
blue
Functional earth cable
Type
low smoke halogen free
Lenght
mm
750
Section
mm²
0.75
Color
white
Mounting
on DIN rail EN 60715 (35 mm) by means of fast clip
device in consumer unit Type A according to IEC
61439-1&3, BS EN 61439-1&3, in distribution board
Type B according to IEC 61439-1&3, BS EN 61439-1&3.
Supply from
bottom terminal
Dimensions and weight
Dimensions (H x D x W)
mm
100 x 68.9 x 17.6
Weight
g
180
Combination with auxiliary elements
Auxiliary contact
Signal contact / auxiliary switch yes
Shunt trip yes
Undervoltage release yes
Overvoltage release yes
Auxiliary contact for MCBs bottom fitting yes
yes
Signal contact / auxiliary switch
yes
Shunt trip
yes
Undervoltage release
yes
Overvoltage release
yes
Auxiliary contact for MCBs bottom fitting
yes
—
01 50A version is
115 mm height



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com