Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-R2032 Datasheet(PDF) 5 Page - ABB

Part # EPP-R2032
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-R2032 Datasheet(HTML) 5 Page - ABB

  EPP-R2032 Datasheet HTML 1Page - ABB EPP-R2032 Datasheet HTML 2Page - ABB EPP-R2032 Datasheet HTML 3Page - ABB EPP-R2032 Datasheet HTML 4Page - ABB EPP-R2032 Datasheet HTML 5Page - ABB EPP-R2032 Datasheet HTML 6Page - ABB EPP-R2032 Datasheet HTML 7Page - ABB EPP-R2032 Datasheet HTML 8Page - ABB EPP-R2032 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 75 page
background image
Simplified series
connection
The distribution
boards can be
combined side-by-
side through pre-cut
cable conduit holes
large enough for the
passage of wiring
harnesses.
—
A series of rational solutions developed to achieve a complete
range of capabilities and functions with a single type of
distribution board to meet different installation requirements,
whilst simplifying the work of the installer.
High output
capacity
Primary branch
capacity up to 100A.
Range
depth: 125 mm;
width: 450 mm;
6 heights: 590, 730,
870, 1050, 1220,
1360 mm.
Ergonomics
and design
The design of
this series is
characterized by
special features,
such as rounded
edges for a
more efficient
ergonomic look.
Flexible mounting
The PAN assembly
system can easily be
removed from the
bottom distribution
board of the
framework, ensuring
quick and simple
installation.
Complete
protection
Designed to ensure
maximum
protection and
efficiency, through
the prevision for the
installation of surge
protection devices
and counters.
5
P R OT EC TA P LUS – G EN ER A L FE AT U R E S O F T H E SER I E S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com