Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-R2032 Datasheet(PDF) 26 Page - ABB

Part # EPP-R2032
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-R2032 Datasheet(HTML) 26 Page - ABB

Back Button EPP-R2032 Datasheet HTML 22Page - ABB EPP-R2032 Datasheet HTML 23Page - ABB EPP-R2032 Datasheet HTML 24Page - ABB EPP-R2032 Datasheet HTML 25Page - ABB EPP-R2032 Datasheet HTML 26Page - ABB EPP-R2032 Datasheet HTML 27Page - ABB EPP-R2032 Datasheet HTML 28Page - ABB EPP-R2032 Datasheet HTML 29Page - ABB EPP-R2032 Datasheet HTML 30Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
27
Description
Order codes
125A AC1 rated 3P Contactor
EPP-CON125
160A AC1 rated 3P Contactor
EPP-CON160
250A AC1 rated 3P Contactor
EPP-CON250
—
Protecta Plus
Order Codes
P R OT EC TA P LUS – O R D ER CO D E S
Description
Order codes
Type 2 surge protection - including 63A 3P MCB
EPP-SOULE
Type 2/3 surge protection - including 63A 3P MCB
EPP-FURSE
—
Surge protection
Pack contents: Surge protection
• 1 x Surge unit
• 1 x MCB 3P
• 1 x Wiring Loom & DIN support
• Instruction leaflet
Please note as these kits allow for 4 to 24way
boards cutting and crimping of cables is required.
Pack contents: Contactor control
• 3P contactor
• Control circuit & fuse protection
• Instruction leaflet
—
Contactor Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com