Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPP-R2032 Datasheet(PDF) 69 Page - ABB

Part # EPP-R2032
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-R2032 Datasheet(HTML) 69 Page - ABB

Back Button EPP-R2032 Datasheet HTML 65Page - ABB EPP-R2032 Datasheet HTML 66Page - ABB EPP-R2032 Datasheet HTML 67Page - ABB EPP-R2032 Datasheet HTML 68Page - ABB EPP-R2032 Datasheet HTML 69Page - ABB EPP-R2032 Datasheet HTML 70Page - ABB EPP-R2032 Datasheet HTML 71Page - ABB EPP-R2032 Datasheet HTML 72Page - ABB EPP-R2032 Datasheet HTML 73Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
70
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
—
D Line digital time switches
Technical features
—
D Line technical features
General data
D1
D1
PLUS
D1
SYNCHRO
D2
D2
PLUS
D2 SYNCHRO
Rated voltage
[V]
230 AC ± 10%
Rated pulsating voltage
[kV]
4
Contact type
Contact relay in free exchange from potential
Programming key
External input
DCF77 antenna
GPS antenna
Programming software
250 V contact capacity
Ohm loads
[A]
16
16
Inductive loads
[A]
10
2
Rated frequency
[Hz]
50-60
Time base
quartz
Minimum switching
[sec.]
1
Max programs per cycle
[n°]
64 (can be coupled in day blocks)
Running reserve
[year]
6 from the first start-up (lithium battery)
External input
[n°]
1
-
2
-
Activity suspension
From 1 day to 12 months
Operating precision
[sec./
day]
± 0.5
Max. dissipated power
[VA]
6.5
7.8
Max. switch power
[VA]
3500
Incandescent lamps
[W]
3000
Non-rephased fluorescent
lamps
[W]
1100
Fluorescent tube lamps
rephased in parallel
[W]
900
Fluorescent tube lamps with
electronic reactor
[W]
7 ÷ 23 (max. 23 lamp.)
Fluorescent tube lamps
rephased in series
[W]
1100
Protection degree
[IP]
20
Max. terminal cross-section
[mm²]
6
Terminals
In positive safety with captive screw
Tightening torque
[Nm]
0.5
Installation type
DIN rail
Operating temperature
[°C]
-5 … +55
Storage temperature
[°C]
-10 … +65
Modules
[n°]
2
Reference standards
EN 60730-1; EN 60730-2-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com