Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5460 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5460 Datasheet HTML 7Page - Cirrus Logic CS5460 Datasheet HTML 8Page - Cirrus Logic CS5460 Datasheet HTML 9Page - Cirrus Logic CS5460 Datasheet HTML 10Page - Cirrus Logic CS5460 Datasheet HTML 11Page - Cirrus Logic CS5460 Datasheet HTML 12Page - Cirrus Logic CS5460 Datasheet HTML 13Page - Cirrus Logic CS5460 Datasheet HTML 14Page - Cirrus Logic CS5460 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
CS5460
DS279PP5
11
2.2.1 Single Computation Cycle (C = 0)
Based on the information provided in the Cycle
Count register, a single computation cycle is per-
formed after the user transmits the single conver-
sion cycle command. After the computations are
complete, DRDY is set. Thirty-two SCLKs are
then needed to acquire a calculation result. The first
8 SCLKs are used to clock in the command to de-
termine which result register is to be read. The last
24 SCLKs are needed to read the desired calcula-
tion result register. After reading the data, the serial
port returns to the command mode, where it waits
for a new command to be issued.
2.2.2 Multiple Computation Cycles (C = 1)
Based on the information provided in the Cycle
Count register, continuous computation cycles are
repeatedly performed on the voltage and current
cycles. Computation cycles cannot be start-
ed/stopped on a per channel basis. After each com-
putation cycle is completed, DRDY is set.
Thirty-two SCLKs are then needed to read a regis-
ter. The first 8 SCLKs are used to clock in the com-
mand to determine which results register is to be
read. The last 24 SCLKs are needed to read the cal-
culation result. While in this mode, the user may
choose to acquire only the calculations required for
the application as DRDY rises and falls to indicate
the availability of a new data.
The RMS calculations require a Sinc2 operation
prior to their square root operation. Therefore, the
first output for each channel will be invalid (i.e. all
RMS calculations are invalid in the single compu-
tation cycle routine and the first RMS calculations
will be invalid in the continuous computation cy-
cle). All energy calculations will be valid since en-
ergy calculations don’t require this Sinc2 operation.
2.3 High Rate Digital Filters
The high rate filter on the voltage channel is imple-
mented as a fixed sinc2 filter, compensated by a
short length FIR. When the converter is driven with
a 4.096 MHz clock (K=1), the filter has a magni-
tude response similar to that shown in Figure 6.
Note that the filter’s response scales with MCLK
frequency and K.
The current channel contains a sinc4 filter, compen-
sated by a short length FIR. When the converter is
driven with a 4.096 MHz clock (K=1) the compos-
ite filter response is given in Figure 7.
VOLTAGE
∆Σ
SINC2
+
x
V
*
off
V
*
gn
x
V*
CURRENT
SINC4
+
x
I
*
off
I
*
gn
x
x
TBC *
DELAY
REG
DELAY
REG
FIR
HPF
APF
Configuration Register *
PC[3:0] Bits
x
I
*
RMS
N
V
*
RMS
N
Σ
÷4096
E to F
E *
E
E
out
dir
PULSE-RATE*
* DENOTES REGISTER NAME
∆Σ
HPF
APF
FIR
SINC2
I *
P *
N
SINC2
Figure 5. Data Flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com