Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5460 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5460 Datasheet HTML 9Page - Cirrus Logic CS5460 Datasheet HTML 10Page - Cirrus Logic CS5460 Datasheet HTML 11Page - Cirrus Logic CS5460 Datasheet HTML 12Page - Cirrus Logic CS5460 Datasheet HTML 13Page - Cirrus Logic CS5460 Datasheet HTML 14Page - Cirrus Logic CS5460 Datasheet HTML 15Page - Cirrus Logic CS5460 Datasheet HTML 16Page - Cirrus Logic CS5460 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
CS5460
DS279PP5
13
Therefore, the pulse rate register is programmed to
be :
To improve the accuracy, either gain register can
be programmed to correct for the round-off error in
PR. This value would be calculated as
To allow for a simpler interface in a multi-phase
system, the EOUT and EDIR pins can be connected
together and used in a wired-or configuration. The
parts must be driven with the same clock and pro-
grammed with different phases (PH[1:0] in the
Configuration register). The pulse width and the
pulse separation is an integer multiple of system
clocks (approximately equal to 1/8 of the period of
the contents of the pulse-rate register). The maxi-
mum frequency is therefore MCLK/K/8. A timing
diagram for a multi-phase system is shown in Fig-
ure 8.
PR
IR
R
v
×
R
i
×
11.574 Hz
≅
370 or 0x172
==
Ign or Vgn
PR
370
2
5
–
×
-----------------------
1.001
≅
0x401067
==
Phase - 00
Phase - 01
Phase - 10
Phase - 11
t
≅ Pulse-Rate Register Period
8
N
MCLK/K
=
for Integer N
t
t
Figure 8. Multi-Phase System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com