Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5460 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS5460 Datasheet HTML 26Page - Cirrus Logic CS5460 Datasheet HTML 27Page - Cirrus Logic CS5460 Datasheet HTML 28Page - Cirrus Logic CS5460 Datasheet HTML 29Page - Cirrus Logic CS5460 Datasheet HTML 30Page - Cirrus Logic CS5460 Datasheet HTML 31Page - Cirrus Logic CS5460 Datasheet HTML 32Page - Cirrus Logic CS5460 Datasheet HTML 33Page - Cirrus Logic CS5460 Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
CS5460
32
DS279PP5
7. SPECIFICATION DEFINITIONS
Full Scale Error
The deviation of the last code transition from the ideal [{(VREFIN) - (VA-)} - 3/2 LSB]. Units
are in LSBs.
Bipolar Offset
The deviation of the mid-scale transition (111...111 to 000...000) from the ideal (1/2 LSB
below the voltage on the VIN- or IIN- pin). Units are in LSBs.
Differential
Current Inputs
15,16
IIN+, IIN- - Differential analog input pins for current channel.
Power Supply Connections
Positive
Digital Supply
3
VD+ - The positive digital supply is nominally +5 V ±10% relative to DGND.
Digital Ground
4
DGND - The digital ground is at the same level as VA-.
Negative
Analog Supply
13
VA- - The negative analog supply pin must be at the lowest potential.
Positive
Analog Supply
14
VA+ - The positive analog supply is nominally +5 V ±10% relative to VA-.
Power Fail Monitor
17
PFMON - The power fail Monitor pin monitors the analog supply. Typical threshold level
is 2.5 V with respect to the VA- pin.
RESET
19
Reset - When reset is taken low, all internal registers are set to their default states.
Other
No Connection
8,18
NC - No connection. Pins should be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com