Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5460 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5460 Datasheet HTML 25Page - Cirrus Logic CS5460 Datasheet HTML 26Page - Cirrus Logic CS5460 Datasheet HTML 27Page - Cirrus Logic CS5460 Datasheet HTML 28Page - Cirrus Logic CS5460 Datasheet HTML 29Page - Cirrus Logic CS5460 Datasheet HTML 30Page - Cirrus Logic CS5460 Datasheet HTML 31Page - Cirrus Logic CS5460 Datasheet HTML 32Page - Cirrus Logic CS5460 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
CS5460
DS279PP5
29
5.5.2 Calibration Tips
To minimize digital noise near the device, the user
should wait for each calibration step to be complet-
ed before reading or writing to the serial port.
After a calibration is performed, the offset and gain
register contents can be read by the system mi-
cro-controller and recorded in memory. The same
calibration words can be uploaded into the offset
and gain registers of the converters when power is
first applied to the system, or when the gain range
on the current channel is changed.
An offset calibration must be performed before a
gain calibration. Each gain calibration depends on
the zero calibration point obtained from the offset
calibration.
The offset and gain calibration steps each take one
conversion cycle to complete. At the end of the cal-
ibration step, DRDY is set to indicate that the cali-
bration is complete.
5.6 Input Current Protection
In Figure 3 and Figure 4, note the series resistor RPI
which is connected to the IIN+ input pin. This re-
sistor is used to provide current-limit protection for
the current-channel input pin in the event of a pow-
er surge or lightening surge.
The voltage/cur-
rent-channel inputs have surge-current limits of
100mA.
This applies to brief voltage/current
spikes (<500 msec). The limit is 10mA for DC in-
put overload situations.
The VIN+ pin does not need a protection resistor
for the configurations shown in Figure 3 and Figure
4. This is because a resistive voltage-divider is
used as the sensor, and so series resistance is al-
ready provided to the VIN+ input pin. (If it was in-
stalled, it would be called RPV). If the negative
sides of the CS5460 input channels are not ground-
ed (i.e., if VIN- and IIN- are connected in a differ-
ential configuration) then it is appropriate to put
protection resistors on these inputs as well.
Capacitors CPV and CPI should be included to pro-
vide for attenuation of high-frequency noise that
may be coupled into the input lines. In differential
input configurations, such a capacitor should be
added to the VIN- and IIN- pins in addition to the
VIN+ and IIN+ pins.
Values for RPV/I and CPV/I must be chosen with the
approximate input lowpass cutoff frequency in
mind. In general, the cutoff frequency should not
be less than 10 times the roll-off frequencies of the
internal voltage/current channel filters (see Figure
6 and Figure 7). From these figures we see that the
internal voltage channel roll-off is at ~1400Hz
while the current channel roll-off is at ~1600Hz. If
the cutoff frequency of the external protection is
much less than 10x these values (14000Hz and
16000Hz), then some of the harmonic content in
the power signal may start to get attenuated by this
input filtering, which is undesirable.
The exact values of RPV/I and CPV/I must be calcu-
lated for each particular application. The primary
goal is to make sure that the input pins never re-
ceive transient input currents greater than 100mA.
Also, they should never be exposed to DC currents
greater than 10mA. The user-supplied protection
resistors RPV and RPI will limit the current that
comes into the pins in over-voltage--where the in-
ternal protection diodes turn on inside the CS5460.
For example, suppose that the value for RPI (on the
current channel input) was chosen to be 500 Ohms.
Then we know that the current channel can with-
stand brief voltage spikes of up to ~50V (refer-
enced to GND) without damage to the part. This is
because 50V / 500Ohm = 100mA. We can also say
that the pin can withstand a common mode DC
voltage of up to 5V.
When computing appropriate values for RPV/I, the
differential input impedance of the CS5460’s volt-
age channel and current channel should also be
considered. This is especially true for the current
channel, which has a lower differential input im-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com