Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313E Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC8313E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313E Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC8313E Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 1
32
Freescale Semiconductor
Ethernet: Three-Speed Ethernet, MII Management
Figure 16 shows the MII management AC timing diagram.
Figure 16. MII Management Interface Timing Diagram
8.4.3
SGMII DC Electrical Characteristics
The SGMII Solution in the MPC8313 is designed for use in a 4-wire, AC-Coupled SGMII link. Table 34
andTable 35describe the SGMII AC-Coupled DC electrical characteristics. Transmitter characteristics are
measured at the transmitter outputs, SD_TX and SD_TX_B, as depicted in Figure 17.
Table 34. DC Transmitter Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
Output high voltage
VOH
—0.7*XPADVDD1
mV
Does not align to
DC-coupled
SGMII
Output low voltage
VOL
0.3*XPADVDD
—
mV
Output ringing
VRING
—10
%
—
Output differential voltage
|VOD|
(XPADVDD/2)/1.7
(XPADVDD/2)/1.3
mV
—
Output offset voltage
VOS
(XPADVDD/2) – 50 mV (XPADVDD/2) + 50 mV
mV
Does not align to
DC-coupled
SGMII
Output impedance (single ended)
RO
40
60
Ω
—
Mismatch in a pair
ΔRO
—10
%
—
Change in VOD between “0” and “1”
Δ|VOD|—
25
mV
—
Change in VOS between “0” and “1”
Δ VOS
—25
mV
—
Output current on short to GND
ISA, ISB
—40
mA
—
1 XPADVDDrefers to the SGMII transmitter output supply voltage.
MDC
tMDDXKH
tMDC
tMDCH
tMDCR
tMDCF
tMDDVKH
tMDKHDX
MDIO
MDIO
(Input)
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com