Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313E Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MPC8313E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313E Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC8313E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
65
Package and Pin Listings
USB PHY
USB_DP
P26
IO
—
USB_DM
N26
IO
—
USB_VBUS
P24
IO
—
USB_TPA
L26
IO
—
USB_RBIAS
M24
IO
—
USB_PLL_PWR3
M26
IO
—
USB_PLL_GND
N24
IO
—
USB_PLL_PWR1
N25
IO
—
USB_VSSA_BIAS
M25
IO
—
USB_VDDA_BIAS
M22
IO
—
USB_VSSA
N22
IO
—
USB_VDDA
P22
IO
—
GTM/USB
USBDR_DRIVE_VBUS/GTM1_TIN1/GTM2_TIN2/LSRCID0
AD23
IO
NVDD
—
USBDR_PWRFAULT/GTM1_TGATE1/GTM2_TGATE2/LSR
CID1
AE23
IO
NVDD
—
USBDR_PCTL0/GTM1_TOUT1/LSRCID2
AC22
O
NVDD
—
USBDR_PCTL1/LBC_PM_REF_10/LSRCID3
AB21
O
NVDD
—
SPI
SPIMOSI/GTM1_TIN3/GTM2_TIN4/GPIO[28]
H1
IO
NVDD
—
SPIMISO/GTM1_TGATE3/GTM2_TGATE4/GPIO[29]/LDVAL
H3
IO
NVDD
—
SPICLK/GTM1_TOUT3/GPIO[30]
G1
IO
NVDD
—
SPISEL/GPIO[31]
G3
IO
NVDD
—
Power and Ground Supplies
AVDD1
F14
Power for
e300 core
APLL (1.0 V)
——
AVDD2
P21
Power for
system APLL
(1.0 V)
——
GVDD
A2,A3,A4,A24,A25,B3,
B4,B5,B12,B13,B20,
B21,B24,B25,B26,D1,
D2,D8,D9,D16,D17
Power for
DDR1 and
DDR2 DRAM
I/O voltage
(1.8 V/2.5 V)
——
Table 60. MPC8313E TEPBGAII Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com