Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313E Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC8313E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313E Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC8313E Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 1
60
Freescale Semiconductor
Package and Pin Listings
UART_SOUT1/MSRCID0
N2
O
NVDD
—
UART_SIN1/MSRCID1
M5
IO
NVDD
—
UART_CTS[1]/GPIO[8]/MSRCID2
M1
IO
NVDD
—
UART_RTS[1]/GPIO[9]/MSRCID3
K1
IO
NVDD
—
UART_SOUT2/MSRCID4/TSEC_TMR_CLK
M3
O
NVDD
8
UART_SIN2/MDVAL/TSEC_TMR_GCLK
L1
IO
NVDD
8
UART_CTS[2]/TSEC_TMR_PP1
L5
IO
NVDD
8
UART_RTS[2]/TSEC_TMR_PP2
L3
IO
NVDD
8
I2C interface
IIC1_SDA/CKSTOP_OUT/TSEC_TMR_TRIG1
J4
IO
NVDD
2, 8
IIC1_SCL/CKSTOP_IN/TSEC_TMR_ALARM2
J2
IO
NVDD
2, 8
IIC2_SDA/PMC_PWR_OK/GPIO[10]
J3
IO
NVDD
2
IIC2_SCL/GPIO[11]
H5
IO
NVDD
2
Interrupts
MCP_OUT
G5
O
NVDD
2
IRQ[0]/MCP_IN
K5
I
NVDD
—
IRQ[1]
K4
I
NVDD
—
IRQ[2]
K2
I
NVDD
—
IRQ[3] /CKSTOP_OUT
K3
IO
NVDD
—
IRQ[4]/ CKSTOP_IN/GPIO[12]
J1
IO
NVDD
—
Configuration
CFG_CLKIN_DIV
D5
I
NVDD
—
EXT_PWR_CTRL
J5
O
NVDD
—
CFG_LBIU_MUX_EN
R24
I
NVDD
—
JTAG
TCK
E1
I
NVDD
—
TDI
E2
I
NVDD
4
TDO
E3
O
NVDD
3
TMS
E4
I
NVDD
4
TRST
E5
I
NVDD
4
TEST
TEST_MODE
F4
I
NVDD
6
DEBUG
Table 60. MPC8313E TEPBGAII Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com