Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313E Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC8313E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313E Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC8313E Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
59
Package and Pin Listings
LA25
D22
O
LVDD
—
LCS[0]
D23
O
LVDD
—
LCS[1]
J26
O
LVDD
—
LCS[2]
F22
O
LVDD
—
LCS[3]
D26
O
LVDD
—
LWE[0]
E24
O
LVDD
—
LWE[1]
H26
O
LVDD
—
LBCTL
L22
O
LVDD
—
LALE/M1LALE/M2LALE
E26
O
LVDD
—
LGPL0
AA23
O
LVDD
—
LGPL1
AA24
O
LVDD
—
LGPL2
AA25
O
LVDD
—
LGPL3
AA26
O
LVDD
—
LGPL4
Y22
IO
LVDD
—
LGPL5
E21
O
LVDD
—
LCLK0
H22
O
LVDD
—
LCLK1
G26
O
LVDD
—
LA0/GPIO[0]
AC24
IO
LVDD
—
LA1/GPIO[1]
Y24
IO
LVDD
—
LA2/GPIO[2]
Y26
IO
LVDD
—
LA3/GPIO[3]
W22
IO
LVDD
—
LA4/GPIO[4]
W24
IO
LVDD
—
LA5/GPIO[5]
W26
IO
LVDD
—
LA6/GPIO[6]
V22
IO
LVDD
—
LA7/GPIO[7]/TSEC_TMR_TRIG2
V23
IO
LVDD
8
LA8/GPIO[13]/TSEC_TMR_ALARM1
V24
IO
LVDD
8
LA9/GPIO[14]/TSEC_TMR_PP3
V25
IO
LVDD
8
LA10/TSEC_TMR_CLK
V26
O
LVDD
8
LA11/TSEC_TMR_GCLK
U22
O
LVDD
8
LA12/TSEC_TMR_PP1
AD24
O
LVDD
8
LA13/TSEC_TMR_PP2
L25
O
LVDD
8
LA14/TSEC_TMR_TRIG1
L24
O
LVDD
8
LA15/TSEC_TMR_ALARM2
K26
O
LVDD
8
DUART
Table 60. MPC8313E TEPBGAII Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com