Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8313E Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MPC8313E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313E Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MPC8313E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
87
Document Revision History
1
3/2008
• In Table 60, added LBC_PM_REF_10 & LSRCID3 as muxed with USBDR_PCTL1
•In Table 60, added LSRCID2 as muxed with USBDR_PCTL0
•In Table 60, added LSRCID1 as muxed with USBDR_PWRFAULT
•In Table 60, added LSRCID0 as muxed with USBDR_DRIVE_VBUS
•In Table 60, moved T1, U2,& V2 from VDD to XCOREVDD.
•In Table 60, moved P2, R2, & T3 from VSS to XCOREVSS.
•In Table 60, moved P5, & U4 from VDD to XPADVDD.
•In Table 60, moved P3, & V4 from VSS to XPADVSS.
•In Table 60, removed “Double with pad” for AVDD1 and AVDD2 and moved AVDD1 and AVDD2 to Power
and Ground Supplies section
•In Table 60, added impedance control requirements for SD_IMP_CAL_TX (100 ohms to GND) and
SD_IMP_CAL_RX (200 ohms to GND).
•In Table 60, updated muxing in pinout to show new options for selecting IEEE 1588 functionality.
Added footnote 8
•In Table 60, updated muxing in pinout to show new LBC ECC boot enable control muxed with
eTSEC1_MDC
• Added pin type information for power supplies.
• Removed N1 and N3 from Vss section of Table 60. Added Therm0 and Therm1 (N1 and N3,
respectively). Added note 7 to state: “Internal thermally sensitive resistor, resistor value varies linearly
with temperature. Useful for determining the junction temperature.”
•In Table 62 corrected maximum frequency of Local Bus Frequency from “33–66” to 66 MHz
•In Table 62 corrected maximum frequency of PCI from “24–66” to to 66 MHz
• Added “which is determined by RCWLR[COREPLL],” to the note in Section 19.2, “Core PLL
Configuration” about the vco divider.
• Added “(vcod)” next to VCO divider column in Table 65. Added footnote stating that core_clk
frequency must not exceed its maximum, so 2.5:1 and 3:1
core_clk:csb_clk ratios are invalid for
certain
csb_clk values.
•In Table 66, notes were confusing. Added note 3 for vco column, note 4 for CSB (
csb_clk) column,
note 5 for USB ref column, and note 6 to replace “Note 1”. Clarified note 4 to explain erratum
eTSEC40.
•In Table 66, updated note 6 to specify USB reference clock frequencies limited to 24 and 48 for rev. 2
silicon.
• Replaced Table 68 “Thermal Resistance for TEPBGAII with Heat Sink in Open Flow”.
• Removed last row of Table 19.
• Removed 200 MHz rows from Table 20 and Table 5.
• Changed VIH minimum spec from 2.0 to 2.1 for clock, PIC, JTAG, SPI, and reset pins in Table 9,
Table 44, Table 51, Table 56, and Table 58.
• Added Figure 3 showing the DDR input timing diagram.
•In Table 19, removed “/MDM" from the "MDQS-MDQ/MECC/MDM" text under the
Parameter column for the tCISKEW parameter. MDM is an output signal and should be
removed from the input AC timing spec table (tCISKEW).
• Added “and power” to rows 2 and 3 in Table 10
• Added the sentence “Once both the power supplies...” and PORESET to Section 2.2, “Power
Sequencing,” and Figure 2.
•In Figure 20, corrected “USB0_CLK/USB1_CLK/DR_CLK” with “USBDR_CLK”
•In Table 39, clarified that AC specs are for ULPI only.
0
6/2007
Initial release.
Table 70. Document Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com