Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WDT751SAP Datasheet(PDF) 2 Page - Whirlpool.

Part # WDT751SAP
Description  24" Dishwasher
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WDT751SAP Datasheet(HTML) 2 Page - Whirlpool.

  WDT751SAP Datasheet HTML 1Page - Whirlpool. WDT751SAP Datasheet HTML 2Page - Whirlpool. WDT751SAP Datasheet HTML 3Page - Whirlpool. WDT751SAP Datasheet HTML 4Page - Whirlpool. WDT751SAP Datasheet HTML 5Page - Whirlpool. WDT751SAP Datasheet HTML 6Page - Whirlpool. WDT751SAP Datasheet HTML 7Page - Whirlpool. WDT751SAP Datasheet HTML 8Page - Whirlpool. WDT751SAP Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
24
" Dishwasher
DETAILED PLANNING DIMENSIONS GUIDE
Because Whirlpool Corporation policy includes a continuous commitment
to improve our products, we reserve the right to change materials and
specifications without notice.
Dimensions are for planning purposes only. For complete details, see
Installation Instructions packed with product. Specifications subject to
change without notice.
PRODUCT DIMENSIONS (CONTD.)
DESCRIPTION
DIMENSIONS
A
Width of door
23⅞" (60.6 cm)
B*
Height to top of handle
319/16" (80.1 cm)
C
Height of adjustable toe kick
31/2" (8.8 cm) - minimum
41/4" (10.8 cm) - maximum
D
Width of recessed dishwasher
23⅞" (60.6 cm)
E†
Depth without door
225/8" ( 57.5 cm)
F†
Depth with Towel Bar Handle
261/2" (67.3 cm)
Depth with Pocket Handle
241/2" (62.2 cm)
G*
Height to bottom of door (minimum)
35/16" (8.4 cm)
H*
Height to top of door (minimum)
337/16" (84.9 cm)
I†*
Height of recessed dishwasher (minimum)
335/8" (85.4 cm)
J†
Depth with door fully open (minimum)
503/16" (127.4 cm)
K†
Depth with toe kick (minimum)
2013/16" (52.9 cm)
†Insulation blanket thickness not included, can be crushed up to 1/8" (0.3 cm), or removed along the top perforate section for additional
clearance.
*Dishwasher can be raised 17/16" (3.7 cm) with feet fully extended.
A
B*
D
E†
H*
G*
I†*
Floor
Wall
J†
F†
C
FRONT VIEW
TOP VIEW
SIDE VIEW
K†
Floor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com