Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WDT751SAP Datasheet(PDF) 3 Page - Whirlpool.

Part # WDT751SAP
Description  24" Dishwasher
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WDT751SAP Datasheet(HTML) 3 Page - Whirlpool.

  WDT751SAP Datasheet HTML 1Page - Whirlpool. WDT751SAP Datasheet HTML 2Page - Whirlpool. WDT751SAP Datasheet HTML 3Page - Whirlpool. WDT751SAP Datasheet HTML 4Page - Whirlpool. WDT751SAP Datasheet HTML 5Page - Whirlpool. WDT751SAP Datasheet HTML 6Page - Whirlpool. WDT751SAP Datasheet HTML 7Page - Whirlpool. WDT751SAP Datasheet HTML 8Page - Whirlpool. WDT751SAP Datasheet HTML 9Page - Whirlpool. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
24
" Dishwasher
DETAILED PLANNING DIMENSIONS GUIDE
Because Whirlpool Corporation policy includes a continuous commitment
to improve our products, we reserve the right to change materials and
specifications without notice.
Dimensions are for planning purposes only. For complete details, see
Installation Instructions packed with product. Specifications subject to
change without notice.
A
B
OPENING/CLEARANCE DIMENSIONS
IMPORTANT: Check that all surfaces have no protrusions that would prohibit dishwasher installation.
335/8" minimum
(85.4 cm) minimum
24"
(62.0 cm)
3"
(7.6 cm)
4"
(10.2 cm)
24"
(62.0 cm)
2"
(5.1 cm)
6¼"
(15.9 cm)
NOTE: Shaded areas
of cabinet walls
show where utility
connections may be
installed.
A. Measured from the lowest point on the underside of the countertop. May be reduced to 335/8" minimum (85.4 cm) minimum by
removing the feet and perforated area of insulation (blanket) on dishwasher.
B. Minimum, measured from narrowest point of opening.
NOTE: Corner locations require a 2" (5.1 cm) minimum clearance between the side of the dishwasher door and the wall or cabinet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com