Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA1412CMP8 Datasheet(PDF) 17 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA1412CMP8
Description  Multiple Channel ±1°C Temperature Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA1412CMP8 Datasheet(HTML) 17 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA1412CMP8 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
DIA1412
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
13
11. Communication Protocol and SMBus Protocol
11.1. Communication protocol
Through the SMBus (or I2C), the DIA1412 can communicate with the host controller. The SMBus is a two-wire
serial communication protocol between a computer host and its peripheral devices. The details can be found in
Figure 1.
11.1.1. SMBus address and RD/
——
WR bit
The SMBus address byte consists of the 7-bit client address followed by the RD/
——
WR indicator bit. To the client
device, the RD/
——
WR bit can be either writing or reading date.
When the RD/
——
WR bit is a logic ‘0’, the SMBus host is writing data. When the RD/
——
WR bit is a logic ‘1’, the SMBus
host is reading data.
The DIA1412C SMBus slave address is determined by the pull-up resistor on the
______
THERM/ADDR pin as shown
in table 5 in section 9.8 "Programming SMBus (or I2C) Address".
11.1.2. SMBus data bytes
All SMBus data bytes are composed of 8-bits of information and sent in order of priority, which means they are
sent most significant bit at first.
11.1.3. SMBus ACK and NACK bits
All received data bytes are acknowledged by the SMBus client. This is accomplished by the client device pulling
the SMBus data line low after each sent byte's eighth bit. This is true of the Write Byte protocol.
By keeping the SMBus data line high after the 8th data bit has been sent, the host will NACK (not acknowledge)
the final data byte that has been received from the client.
11.1.4. SMBus timeout
SMBus timeout function is supported by the DIA1412. The device resets its SMBus protocol if the clock line is
maintained low for more than 30 ms. Setting the TIMEOUT bit in the consecutive ALERT register (see section
12.11) will enable this function.
11.1.5. SMBus and I2C compatibility
SMBus and I2C are both supported by the DIA1412. Here shows the key differences between SMBus and I2C
devices.
The DIA1412 supports I2C fast mode at 400 kHz, covering 100 kHz (maximum SMBus time).
(1) 10 kHz is the minimum frequency for SMBus communications.
(2) The condition of resetting the SMBus client protocol is that the clock is kept at a logic “0” for longer than 30
ms. The timeout functionality is disabled by default while it is enabled by writing to the bit 7 in the consecutive
ALERT register (TIMEOUT bit). I2C doesn’t have a timeout.
(3) I2C devices can’t support the ALERT response address functionality and it’s optional for SMBus.
The DIA1412 SMBus interface will not respond to signals sent with an invalid slave address or an invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com