Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA1412CMP8 Datasheet(PDF) 18 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA1412CMP8
Description  Multiple Channel ±1°C Temperature Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA1412CMP8 Datasheet(HTML) 18 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA1412CMP8 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
DIA1412
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
14
protocol, and the register contents will remain unaffected. Stretching of the SMCLK signal is supported if the
timing is managed by other SMBus components.
11.2. SMBus protocol
The DIA1412 supports various kind of byte protocols: Send bite, Read byte, Write byte, Receive byte and Alert
response address as valid protocols.
(1) Write byte: Writing one byte of data to the registers.
(2) Read byte: Reading one byte of data from the registers.
(3) Send byte: Setting the internal address register pointer to the correct address location. Noted that no data is
transferred during the Send byte protocol.
(4) Receive byte: Reading data from a register when the internal register address pointer is at the correct
location via Send byte. This is used for consecutive reads of the same register.
(5) Alert response address: the
_____
ALERT pin output can be interpreted as interrupt or as an SMBus Alert by the
host. When the
_____
ALERT pin is asserted, the host will send the Alert Response Address (ARA) to the general
address of 0001_100xb. The DIA1412 will respond to the ARA in two steps: send the slave address of DIA1412.
Then the channel mask bit will be set and the
_____
ALERT pin will be deasserted.
Write Byte Protocol
Start
Slave
Address
WR
ACK (1)
Register
Address
ACK (1)
Register
Data
ACK (1)
Stop
1 -> 0
YYYY_YYY
0
0
XXh
0
XXh
0
0 ->1
Read Byte Protocol
Start
Slave
Address
WR
ACK (1)
Register
Address
ACK (1)
Start
Slave
Address
RD
ACK (1)
Register
Data (1)
NACK
Stop
1 -> 0
YYYY_
YYY
0
0
XXh
0
1 -> 0
YYYY_
YYY
1
0
XXh
1
0 ->1
Send Byte Protocol
Start
Slave Address
WR
ACK (1)
Register Address
ACK (1)
Stop
1 -> 0
YYYY_YYY
0
0
XXh
0
0 ->1
Receive Byte Protocol
Start
Slave Address
RD
ACK (1)
Register Data (1)
NACK
Stop
1 -> 0
YYYY_YYY
1
0
XXh
1
0 ->1
Alert Response Address Protocol
Start
Alert Response
Address
RD
ACK (1)
Device Address (1)
NACK
Stop
1 -> 0
0001_100
1
0
YYYY_YYY
1
0 ->1
Note:
(1) Date is sent to the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com