Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA1412CMP8 Datasheet(PDF) 25 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA1412CMP8
Description  Multiple Channel ±1°C Temperature Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA1412CMP8 Datasheet(HTML) 25 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA1412CMP8 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 29Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
DIA1412
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
21
20h
R/W
Internal Therm
Limit
128
64
32
16
8
4
2
1
55h
(85°C)
21h
R/W
Therm
Hysteresis
128
64
32
16
8
4
2
1
0Ah
(10°C)
Note: R = Read. W = Write.
12.9. External fault register
The external fault register is used to store the detected fault event of the external channels. When it is read, this
register is cleared.
Addr. Type Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
1Bh
R-C
External
fault
Reserved
EFLT
Reserved
00h
Note: R-C = Read then Clear.
Bit
Name
Description
7:2
Reserved
Do not use.
1
EFLT
This bit will be set if the external channel is detected a fault.
0
Reserved
Do not use.
12.10. Channel mask register
The channel mask register is used to determine whether the individual channel is masked or not. When a
channel is masked, the
_____
ALERT pin will not be asserted even when the masked channel detects a fault or out of
limit error. No matter the channel mask bit is set or not, the status registers will be updated normally.
Addr. Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
1Fh
R/W
Channel mask
Reserved
EMASK
INTMASK
00h
Note: R = Read. W = Write.
Bit
Name
Value
Description
7:2
Reserved
-
Do not use.
1
EMASK
0 (default)
The external channel mask is disabled.
1
The external channel mask is enabled.
0
INTMASK
0 (default)
The internal channel mask is disabled.
1
The internal channel mask is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com