Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA1412CMP8 Datasheet(PDF) 30 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA1412CMP8
Description  Multiple Channel ±1°C Temperature Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA1412CMP8 Datasheet(HTML) 30 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA1412CMP8 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 29Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 30Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 31Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 32Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 33Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 34Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
DIA1412
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
26
Bit
Name
Description
7:2
Reserved
Do not use.
1
ELOW
This bit will be set if the measured temperature of external channel drops below the Low Limit for the
programmed number of times in a consecutive measurements.
0
ILOW
This bit will be set if the measured temperature of internal channel drops below the Low Limit for the
programmed number of times in a consecutive measurements.
12.16. Therm Limit status register
The Therm Limit status register indicates if the measured temperature of a certain channel exceeds the Therm
Limit for the programmed number of times in a consecutive measurements. Reading from the Therm Limit status
register will not clear all bits. The THERM status bit in the status register will be set if any of the Therm Limit
status bit is set.
Once any of these bits are set, the THERM status bit in the status register will be set. Reading from the Therm
Limit status register will not clear all bits. When a certain channel Therm Limit status is set, the corresponding
Therm Limit status bits will be cleared when the measured temperature drops below the Therm Limit minus the
Therm Hysteresis. The THERM status bit in the status register will be cleared when all the individual channel
Therm Limit status bits are cleared.
Addr. Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
37h
R
Therm Limit
status
Reserved
ETHERM
ITHERM
00h
Note: R = Read.
Bit
Name
Description
7:2
Reserved
Do not use.
1
ETHERM
This bit will be set if the measured temperature of external channel exceeds the Therm Limit for the
programmed number of times in a consecutive measurements.
0
ITHERM
This bit will be set if the measured temperature of internal channel exceeds the Therm Limit for the
programmed number of times in a consecutive measurements.
12.17. Product ID register
The product ID register holds a specific value that identifies the device.
Addr.
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
FDh
R
Product ID
(DIA1412)
1
0
1
1
0
0
1
1
B3h
Note: R = Read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com