Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIA1412CMP8 Datasheet(PDF) 29 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA1412CMP8
Description  Multiple Channel ±1°C Temperature Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA1412CMP8 Datasheet(HTML) 29 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA1412CMP8 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 29Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 30Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 31Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 32Page - DIOO MICROCIRCUITS CO., LTD DIA1412CMP8 Datasheet HTML 33Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
DIA1412
Version 1.0, Jul 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
25
17h
1.0066
27h
1.0278
37h
1.0486
Note:
(1) When measuring a 65 nm Intel CPU, the Ideality Setting should be the default 12h. When measuring a 45 nm Intel CPU, the
Ideality Setting should be 15h.
12.14. High Limit status register
In the interrupt mode, the High Limit status register indicates if the measured temperature of a certain channel
exceeds the High Limit for the programmed number of times in a consecutive measurements. Reading from the
High Limit status register will clear all bits. And the HIGH status bit in the status register will also be cleared.
In the comparator mode, the High Limit status register indicates if the measured temperature of a certain
channel exceeds the High Limit for the programmed number of times in a consecutive measurements. Once any
of the High Limit status bit is set, it will remain set until the measured temperatures drop below the High Limit
minus the Therm Hysteresis. Reading from the High Limit status register will not clear all bits.
In both interrupt mode and comparator mode, the HIGH status bit in the status register will be set if any of the
High Limit status bit is set. The HIGH status bit in the status register will be cleared when all the individual
channel High Limit status bits are cleared.
Addr.
Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
35h
R-C
High Limit status
Reserved
EHIGH
IHIGH
00h
Note: R-C = Read then Clear.
Bit
Name
Description
7:2
Reserved
Do not use.
1
EHIGH
This bit is set when the external channel exceeds its programmed High Limit.
0
IHIGH
This bit is set when the internal channel exceeds its programmed High Limit.
12.15. Low Limit status register
In the interrupt mode, the Low Limit status register indicates if the measured temperature of a certain channel
drops below the Low Limit for the programmed number of times in a consecutive measurements. Reading from
the Low Limit status register will clear all bits. And the Low status bit in the status register will also be cleared.
The LOW status bit in the status register will be set if any of the LOW status bit is set.
Addr. Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
36h
R-C
Low Limit status
Reserved
ELOW
ILOW
00h
Note: R-C = Read then Clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com