Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPGS1 Datasheet(PDF) 16 Page - ABB

Part # OPGS1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPGS1 Datasheet(HTML) 16 Page - ABB

Back Button OPGS1 Datasheet HTML 12Page - ABB OPGS1 Datasheet HTML 13Page - ABB OPGS1 Datasheet HTML 14Page - ABB OPGS1 Datasheet HTML 15Page - ABB OPGS1 Datasheet HTML 16Page - ABB OPGS1 Datasheet HTML 17Page - ABB OPGS1 Datasheet HTML 18Page - ABB OPGS1 Datasheet HTML 19Page - ABB OPGS1 Datasheet HTML 20Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 192 page
background image
—
Manual switch-disconnectors OT16...100, UL
Technical data for non fusible disconnect switches
Technical data according to UL/CSA, AC ratings
Switch type
OT16F
OT25F
OT40F
OT63F
OT80F
OT30F
OT60F
OT100F
Approval
C
ULUS Listed
C
ULUS Listed
C
ULUS Listed
C
ULUS Listed
C
ULUS Listed
C
ULUS Listed
C
ULUS Listed
C
ULUS Listed
E63822
E63822
E63822
E63822
E63822
E101914
E101914
E101914
Compliance UL508
UL508
UL508
UL508
UL508
UL98
UL98
UL98
CSA C22.2
No.14
CSA C22.2
No.14
CSA C22.2
No.14
CSA C22.2
No.14
CSA C22.2
No.14
CSA C22.2 No.4 CSA C22.2 No.4 CSA C22.2
No.4
General purpose
amp rating
pf= 0.7...0.8
-40° to 40
°C
20 A
30 A
40 A
60 A
80 A
30 A
60 A
100 A
Max. operating voltage
600 V
600 V
600 V
600 V
600 V
600 V
600 V
600 V
Max. horsepower rating /
motor FLA current
pf= 0.4...0.5 240 V
5 HP/15.2 A
7.5 HP/22.0 A 10 HP/28.0 A
15 HP/42.0 A
20 HP/54.0 A
10 HP/28.0 A
20 HP/54.0 A
30 HP/80.0 A
Three phase 480 V
10 HP/14.0 A
15 HP/21.0 A
20 HP/27.0 A
30 HP/40.0 A
40 HP/52.0 A
20 HP/27.0 A
40 HP/52.0 A
50 HP/65.0 A
600 V
10 HP/11.0 A
20 HP/22.0 A
25 HP/27.0 A
30 HP/32.0 A
40 HP/41.0 A
30 HP/32.0 A
40 HP/41.0 A
50 HP/52.0 A
Single phase 120 V
1 HP/16.0 A
1.5 HP/20.0 A 2 HP/24.0 A
2 HP/24.0 A
2 HP/24.0 A
2 HP/24.0 A
3 HP/34.0 A
5 HP/56.0 A
240 V
2 HP/12.0 A
3 HP/17.0 A
5 HP/28.0 A
7.5 HP/40.0 A 10 HP/50.0 A
5 HP/28.0 A
7.5 HP/40.0 A
15 HP/68.0 A
480 V
5 HP/14.0 A
7.5 HP/21.0 A 10 HP/26.0 A
15 HP/34.0 A
20 HP/44.0 A
–
–
25 HP/55.0 A
600 V
7.5 HP/16.0 A 10 HP/20.0 A
15 HP/27.0 A
15 HP/27.0 A
20 HP/38.5 A
–
–
20 HP/35.0 A
Short circuit rating
with fuse
Maximum
fuse size
30 A
60 A
30 A
60 A
30 A
60 A
100 A 150 A 100 A 150 A 60 A
60 A
150 A 100 A
Fuse type
J
10 kA 10 kA 10 kA 10 kA 10 kA 10 kA 100 kA –
100 kA –
200 kA
200 kA
50 kA 200 kA
Fuse type
T
10 kA 10 kA 10 kA 10 kA 10 kA 10 kA 100 kA –
100 kA –
200 kA
200 kA
50 kA 200 kA
Fuse type
RK1
10 kA –
10 kA –
10 kA –
–
–
–
–
–
–
–
Fuse type
RK5*
5 kA
5 kA
5 kA
5 kA
5 kA
5 kA
10 kA 5 kA
10 kA 5 kA
–
–
–
–
Fuse type
L
–
–
–
–
–
–
–
–
–
–
–
–
–
–
Fuse type
H
–
–
–
–
–
–
–
5 kA
–
5 kA
–
–
–
–
Endurances
Min. electrical
endurance, pf. 0.75...0.8
6 000 Oper.
6 000 Oper.
6 000 Oper.
6 000 Oper.
6 000 Oper.
6 000 Oper.
6 000 Oper.
6 000 Oper.
Mechanical endurance
20 000 Oper.
20 000 Oper.
20 000 Oper.
20 000 Oper.
20 000 Oper.
20 000 Oper.
20 000 Oper.
20 000 Oper.
Terminal lugs
integrated
integrated
integrated
integrated
integrated
integrated
integrated
integrated
Copper wire range
60-75 °C
18-8 AWG
18-8 AWG
18-8 AWG
14-4 AWG
14-4 AWG
14-4 AWG
14-4 AWG
8-1/0 AWG
Torque
Wire
tightening
7 Nm/0.8 lb.in 7 Nm/0.8 lb.in 7 Nm/0.8 lb.in 18 Nm/2 lb.in 18 Nm/2 lb.in 55 Nm/6.2 lb.in 55 Nm/6.2 lb.in 55 Nm/6.2 lb.in
* Fuse size 70 A for RK5.
16
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
16
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com