Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPGS1 Datasheet(PDF) 49 Page - ABB

Part # OPGS1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPGS1 Datasheet(HTML) 49 Page - ABB

Back Button OPGS1 Datasheet HTML 45Page - ABB OPGS1 Datasheet HTML 46Page - ABB OPGS1 Datasheet HTML 47Page - ABB OPGS1 Datasheet HTML 48Page - ABB OPGS1 Datasheet HTML 49Page - ABB OPGS1 Datasheet HTML 50Page - ABB OPGS1 Datasheet HTML 51Page - ABB OPGS1 Datasheet HTML 52Page - ABB OPGS1 Datasheet HTML 53Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 192 page
background image
—
Accessories for manual switch-disconnectors OT16...160
Technical data for auxiliary contacts
For OA1G_, OA2G_, OA3G_, OA8G_
AC15
DC12
DC13
Ue
Ie
Ue
Ie
P
Ie
P
VAC
A
VDC
A
W
A
W
230
6
24
10
240
2
50
400
4
72
4
290
0.8
60
415
4
125
2
250
0.55
70
690
2
250
0.55
140
0.27
70
440
0.1
44
For OA1G_, OA2G_, OA3G_, OA8G_
Ui
690 V
Uimp
4 kV
Pollution degree 3
Ith
16 A
Cable size
1...2 x 0.75...2.5 mm²
Maximum fuse
16 A / gG
NEMA
A600, R300, wire size: 18 - 14 AWG, 1(2)
Performance data of auxiliary contacts according to IEC 60947-5-1
Handle indications and functions
The handle indicates the position of the main contacts
of the switch with complete reliability in all situations.
If the contacts are welded together, the handle
does not reach the OFF-position but remains
between ON and OFF, maintaining the door
interlock and preventing padlocking.
OFF
ON
ON
ON and OFF-functions of main and auxiliary contacts
Closing:
1. Main contacts close
2. NO auxiliary contacts close
3. NC auxiliary contacts open
Opening:
4. Main contacts open
5. NO auxiliary contacts open
6. NC auxiliary contacts close
Main contacts
NO auxiliary contact
NC auxiliary contact
0˚
30˚
60˚
90˚
= Contacts in closed position 0
I
= Contacts in closed position 0
I
OFF
O
ON
I
α
1.
2.
4.
6.
3.
5.
α
ON
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
49
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com