Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPGS1 Datasheet(PDF) 71 Page - ABB

Part # OPGS1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPGS1 Datasheet(HTML) 71 Page - ABB

Back Button OPGS1 Datasheet HTML 67Page - ABB OPGS1 Datasheet HTML 68Page - ABB OPGS1 Datasheet HTML 69Page - ABB OPGS1 Datasheet HTML 70Page - ABB OPGS1 Datasheet HTML 71Page - ABB OPGS1 Datasheet HTML 72Page - ABB OPGS1 Datasheet HTML 73Page - ABB OPGS1 Datasheet HTML 74Page - ABB OPGS1 Datasheet HTML 75Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 192 page
background image
—
Manual switch-disconnectors OT200...1200, UL
Technical data for non-fusible disconnect switches
Switch type
OT200U
OT400U
OT600U
OT800U
OT1200U
Approval
C
ULUS Listed
C
ULUS Listed
C
ULUS Listed
C
ULUS Listed
C
ULUS Listed
File #
E101914
IEC
E101914
IEC
E101914
IEC
E101914
IEC
E101914
IEC
Compliance
UL98
CSA C22.2 No.4
UL98
CSA C22.2 No.4
UL98
CSA C22.2 No.4
UL98
CSA C22.2 No.4
UL98
CSA C22.2 No.4
Technical data according to UL/CSA AC Ratings
General purpose amp rating
pf= 0.7...0.8
-40° to 40 °C
200 A
400 A
600 A
800 A
1 200 A
Max. operating voltage
600 V
600 V
600 V
600 V
600 V
Max. horsepower rating /
max. motor FLA current
pf= 0.4...0.5
240 V
75 HP/192.0 A
125 HP/312.0 A
200 HP/480 A
200 HP/602 A
–
Three phase
480 V
150 HP/180.0 A
250 HP/302.0 A
450 HP/515.0 A
500 HP/590 A
–
600 V
200 HP/192.0 A
350 HP/336.0 A
500 HP/472.0 A
500 HP/472 A
–
Short circuit rating with fuse
Fuse type
J
200 kA
100 kA 100 kA
–
100 kA –
–
T
–
100 kA –
–
100 kA –
–
Fuse type
RK5
–
–
–
100 kA
–
–
–
L
–
–
–
–
100 kA 100 kA
100 kA
Maximum fuse size
200 A
350 A
600 A
600 A
800 A
800 A
1 200 A
Current rating
at 250 V DC
200 A
400 A
600 A
–
–
at 600 V DC
100 A
200 A
200 A
–
–
DC horsepower rating for 4-pole
switch
at 600 V DC
50 HP
50 HP
-
–
–
DC horsepower rating for 2-pole
switch
at 125 V DC
20 HP
-
-
–
–
at 250 V DC
40 HP
50 HP
50 HP
–
–
DC short circuit rating for 4-pole switch
with circuit breaker 10 kA
10 kA
10 kA
–
–
DC short circuit rating for 2-pole switch
with circuit breaker
at 250 V DC
14 kA
14 kA
18 kA
–
–
with circuit breaker
at 600 V DC
10 kA
10 kA
10 kA
–
–
with class J fuse
at 250 V DC
100 kA
100 kA
100 kA
–
–
... with fuse size
200 A
400 A
600 A
–
–
Min. electrical endurance, pf.
0.75...0.8
Mechanical endurance
oper. cycles
6 000
1 000
1 000
500
500
Divide by two for
operation cycles
20 000 Oper.
16 000 Oper.
10 000 Oper.
6 000 Oper.
6 000 Oper.
Terminal lug kits (optional)
Wire range
75 °C wire
OZXA-200
OZXA-400
OZXA-800
OZXA-800/1200
OZXA-1200
4-300MCM AWG
2-600MCM AWG
2 x 2-600MCM AWG
4 x 2-600MCM AWG 4 x 2-600MCM AWG
Torque
Wire tightening
200 lb.in/22.6 Nm
375 lb.in/42.4 Nm 500 lb.in/56.5 Nm
500 lb.in/56.5 Nm 500 lb.in/56.5 Nm
Lug mounting
72 lb.in/8.1 Nm
240 lb.in/27.1 Nm 480 lb.in/54.2 Nm
443 lb.in/50.1 Nm 443 lb.in/50.1 Nm
Minimum enclosure
dimensions at rated current
Height x Width x
Depth
508x407x178 mm
20.3x16.3x7.1 in
600x350x200 mm
24x14x8 in
600x700x300 mm
24x28x12 in
1220x610x305 mm
48.8x24.4x12.2 in
700x900x400 mm
28x36x16 in
Technical data according to IEC 60947
Rated insulation voltage and rated
operational voltage AC20/DC20
Pollution
degree 3
1 000 V
1 000 V
1 000 V
1 000 V
1 000 V
Dielectric strength
50 Hz, 1 min.
10 kV
10 kV
10 kV
10 kV
10 kV
Rated impulse withstand voltage
12 kV
12 kV
12 kV
12 kV
12 kV
Rated operational current, AC-22A
up to 415 V
250 A
400 A
800 A
1 600 A
1 600 A
440...500 V
250 A
400 A
800 A
1 600 A
1 600 A
690 V
250 A
400 A
800 A
1 600 A
1 600 A
Rated operational current, AC-23A
up to 415 V
250 A
400 A
800 A
1 250 A
1 250 A
440 V
250 A
400 A
800 A
1 250 A
1 250 A
500 V
250 A
400 A
800 A
1 250 A
1 250 A
690 V
250 A
400 A
800 A
1 250 A
1 250 A
Rated conditional short-circuit
current Iq (r.m.s.) and corresponding
max. allowed cut-off current Îc. The
cut-off current Îc refers to values
listed by fuse
manufacturers (single phase test
acc. to IEC60269)
Iq 50kA, 690V
Max. OFA_fuse
size
Îc
35 kA
50.5 kA
71.5 kA
–
–
gG/aM
355 A/315 A
500 A/500 A
800 A/1 000 A
–
–
Iq 80kA, 690V
Max. OFA_fuse
size
Îc
40.5 kA
59 kA
83.5 kA
–
–
gG/aM
355 A/315 A
500 A/500 A
800 A/1 000 A
–
–
Rated short-time withstand current r.m.s. -value Icw 690 V, 1 s
8 kA
15 kA
20 kA
50 kA
50 kA
Rated short circuit making capacity Peak value Icm
500/690 V
30 kA
65 kA
80 kA
110 kA 1)
110 kA 1)
Max. distance from switch to
nearest bus bar / cable support mm
–
–
–
150 mm
150 mm
Power loss / pole
At rated operational current
6.5 W
10 W
40 W
29 W
48 W
Weight without accessories
3-pole
1.5 kg/3.31 lb
3.0 kg/6.61 lb
6.3 kg/13.89 lb
17.2 kg/37.92 lb
17.2 kg/37.92 lb
4-pole
1.9 kg/4.16 lb
3.5 kg/7.72 lb
8.0 kg/17.64 lb
72.2 kg/48.94 lb
72.2 kg/48.94 lb
Terminal bolt size
Metric thread diameter x length
M8x25 mm
M10x30 mm
M12x40 mm
M12x50 mm
M12x60 mm
1)
The value is 92 kA for 4-pole switch disconnector.
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
71
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com