Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPGS1 Datasheet(PDF) 48 Page - ABB

Part # OPGS1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPGS1 Datasheet(HTML) 48 Page - ABB

Back Button OPGS1 Datasheet HTML 44Page - ABB OPGS1 Datasheet HTML 45Page - ABB OPGS1 Datasheet HTML 46Page - ABB OPGS1 Datasheet HTML 47Page - ABB OPGS1 Datasheet HTML 48Page - ABB OPGS1 Datasheet HTML 49Page - ABB OPGS1 Datasheet HTML 50Page - ABB OPGS1 Datasheet HTML 51Page - ABB OPGS1 Datasheet HTML 52Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 192 page
background image
Auxiliary contact blocks for OT16...125F/FT_ and OT160G_, IP20
Contact numbering according to EN 50013. Snap-on mounting to the side of the switch.
Ith = 16 A, cable cross section max. 2 x 2.5 mm². Early-break type OA1G10. Early break
type auxiliary contacts means that in the switches, the NO aux.contacts break before
the main contacts open.
See next pages for performance data, functions and contact timing.
Suitable for switches
Function
Type
Order code
Weight/
unit
kg
Mountable on left side, max. 2 pcs
OT16...125F_, FT_
1NC
OA1G01
1SCA022353R4890
0.03
1NC
OA1G01AU 1)
1SCA022436R7830
0.03
Mountable on the right side, max. 2 pcs
OT16...125F_, FT_
1NO
OA1G10
1SCA022353R4970
0.03
1NO
OA1G10AU 1)
1SCA022436R7910
0.03
Mountable, max. 4 pcs
OT160G_ and OT160GT_
1NC
OA1G01
1SCA022353R4890
0.03
1NC
OA1G01AU 1)
1SCA022436R7830
0.03
Mountable, max. 4 pcs
OT160G_ and OT160GT_
1NO
OA1G10
1SCA022353R4970
0.03
1NO
OA1G10AU 1)
1SCA022436R7910
0.03
Mountable on both sides, simultaneous function with the main contacts
OT16...40F_: max. 2NO+2NC, OT63...125F: max. 4NO+4NC 3)
OT16...125F_
1NO+1NC
OA2G11 2)
1SCA022379R8100
0.03
Mountable on both sides, simultaneous function with the main contacts
Snap-on mounting to the switch, including a grey cover, IP 20, width 1/2 module.
OT16...125M: 3-pole switches max 2NO+2NC , 4-pole switches max 1NO+1NC.
OT16…40M_
1NO+1NC
OA1L11
1SCA022555R9870
0.04
OT63ML_
1NO+1NC
OA2L11
1SCA022424R3190
0.04
OT125M_
1NO+1NC
OA3L11
1SCA022555R9950
0.04
1)
Types _AU are gold plated for extremely difficult circumstances and low voltages.
2)
Not mountable on the same side as the fourth pole.
3
) Contact numbering:
(83) (43) (53) 13
21 (61) (31) (71)
(84) (44) (54) 14
22 (62) (32) (72)
—
Accessories for manual switch-disconnectors OT16...160
Ordering information for auxiliary contacts
OA1G_
OA2G11
22
21
1 nc
14
13
1 no
1NC
1NO
48
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
48
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com