Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPGS1 Datasheet(PDF) 5 Page - ABB

Part # OPGS1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPGS1 Datasheet(HTML) 5 Page - ABB

  OPGS1 Datasheet HTML 1Page - ABB OPGS1 Datasheet HTML 2Page - ABB OPGS1 Datasheet HTML 3Page - ABB OPGS1 Datasheet HTML 4Page - ABB OPGS1 Datasheet HTML 5Page - ABB OPGS1 Datasheet HTML 6Page - ABB OPGS1 Datasheet HTML 7Page - ABB OPGS1 Datasheet HTML 8Page - ABB OPGS1 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 192 page
background image
—
Switch-disconnectors 16 to 4000 Amperes
Tried and tested
ABB switch-disconnectors are
designed, built and tested for the
best possible performance. They are
designed to be virtually maintenance-
free across their entire extended
lifespan and offer reliable performance
in any and all possible circumstances.
Durability has been ensured by
testing switches against the IEC609473,
UL508, UL98 and CSA standards.
Modular design
All our switches have been designed for
easy and cost-efficient installation,
maintenance and use. Their modular
design and smaller dimensions enable
installation into even the smallest
enclosures saving precious space and
significantly reducing material, handling
and installation costs. The simple design
also makes use easy, even without
previous experience or training.
Numerous safety features
ABB switch-disconnectors come
equipped with a comprehensive
range of inbuilt safety features.
All motorized switches can also be
operated manually in emergency
situations, but can also be padlocked
when the handle is removed to
prevent unwanted manual or
remote operations or enable safe
maintenance work.
ABB offers switch-disconnectors suitable for diverse applications such as machinery,
power distribution, switchboards, motor control centers or photovoltaic installations.
These devices are globally available and always supported by our skilled and
dedicated worldwide service network. ABB also offers a complete range of enclosed
switch-disconnectors in various enclosure materials.
Reliable in
extreme conditions
Space saving
Safety and protection
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
5
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com