Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F4P6-R Datasheet(PDF) 8 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F4P6-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F4P6-R Datasheet(HTML) 8 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F4P6-R Datasheet HTML 4Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 5Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 6Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 7Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 8Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 9Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 10Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 11Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 12Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
www.geehy.com
Page 7
Pin Function Description
Table 2 Pin definition of APM32F003x4x6(20PIN)
Pin number
Pin name
Input
Output
Redefinin
g
functions
1
1
18
PD4
BUZZER
TMR2_CH1
USART1_CK
TMR1A_CH2
I/O
X
X
X
HS
O3
X
X
PD4
-
2
2
19
PD5
AIN5
USART1_TX
TMR1A_CH3
VAIN2
[TMR1A_CH1N]
I/O
X
X
X
HS
O3
X
X
PD5
TMR1A_C
H1N
[AFR5]
3
3
20
PD6
AIN6
USART1_RX
TMR1A_CH4
VAIP2
[TMR1A_CH2N]
I/O
X
X
X
HS
O3
X
X
PD6
TMR1A_C
H2N
[AFR5]
4
4
1
NRST
I/O
-
X
-
-
-
-
-
Reset
-
5
5
2
PA1
OSCIN(2)
I/O
X
X
X
-
O1
X
X
PA1
-
6
6
3
PA2
OSCOUT
I/O
X
X
X
-
O1
X
X
PA2
-
7
7
4
VSS
S
-
-
-
-
-
-
-
-
-
8
8
5
VCAP
S
-
-
-
-
-
-
-
1.5V
regulat
/capaci
tor
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com