Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F4P6-R Datasheet(PDF) 20 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F4P6-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F4P6-R Datasheet(HTML) 20 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F4P6-R Datasheet HTML 16Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 17Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 18Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 19Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 20Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 21Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 22Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 23Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
www.geehy.com
Page 19
Timer type
Advanced control timer
Counting resolution
16 bits
16 bits
Counter type
Up, down, up/down
Up, down, up/down
Prescaler coefficient
Any integer between 1 and
65536
Any integer between 1 and 65536
Capture/ Comparison
Channels
4
4
Complementary output
Yes
Yes
Function description
‒
Control the synchronous mode of timer with external signal
‒
When the braking signal appears, the timer can be forced to
output to a specific state
‒
Two complementary outputs and software controllable dead
time channels
‒
Encoder mode
‒
Interrupt source: 4 input capture/output comparison, 1
overflow/update and 1 brake signal interrupt
This is a high-end timer, which is suitable for various control
applications. Its complementary output, dead-time control and center-
aligned PWM functions make its application fields extend to motor
control, lighting and half-bridge driving modes.
4.11.2.
General timer (TMR2)
General timer functions are shown in the following table:
Table 12 General timer
Timer type
General timer
Timer
TMR2
Counting resolution
16 bits
Counter type
Up
Prescaler coefficient
Exponential power of 2 between 1 and 32768
Capture/ Comparison
Channels
3
Complementary output
-
Function description
Use external signal to control timer and synchronization circuit
interconnected by timer
Interrupt generation event:
‒
Update: the counter overflows upwards, and the counter
initializes (via software)
‒
Input capture
‒
Output comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com