Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F4P6-R Datasheet(PDF) 27 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F4P6-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F4P6-R Datasheet(HTML) 27 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F4P6-R Datasheet HTML 23Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
www.geehy.com
Page 26
Flash memory characteristics
Table 21 Flash storage characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tprog
16-bit programming time
TA=-40~105°C
VDD=2.95~5.0V
22.4
22.97
23.8
μs
tERASE
Page (1kbyte) erase time
TA=-40~105°C
VDD=2.95~5.0V
1.48
1.55
1.64
ms
tME
Whole erase time
TA=25°C
VDD=3.3V
6.32
6.57
6.96
ms
Vprog
Programming voltage
TA=-40~105°C
2
-
5.5
V
tRET
Data saving time
TA=125°C
18
-
-
years
NRW
Erase cycle
TA=25°C
100K
-
-
cycles
Clock
5.5.1.
External clock source characteristics
High Speed External Clock Generated by Crystal Resonator (HXT osc)
For detailed parameters (frequency, package, precision, etc.) of crystal
resonator, please consult the corresponding manufacturer.
Table 22 Characteristics of HXT 1-24MHz oscillator
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fHXT
Oscillator frequency
-
1
-
24
MHz
RF
Feedback resistance
-
-
300
-
kΩ
C
Recommended load
capacitance
-
-
-
20
pF
IDD(HXT)
HXT oscillator power
consumption
C=20pF,
fOSC=16MHz
-
-
6 (startup) 1.6
(stabilized)
mA
C=10pF,
fOSC=16MHz
-
-
6 (startup) 1.2
(stabilized)
tSU(HXT)
Startup time
VDD is stable
-
1
-
ms
5.5.2.
Internal clock source characteristics
Test of High Speed Internal (HIRC) Oscillator
Table 23 HIRC oscillator characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fHIRC
Frequency
-
-
48
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com