Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F4P6-R Datasheet(PDF) 35 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F4P6-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F4P6-R Datasheet(HTML) 35 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F4P6-R Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 38Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 39Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
www.geehy.com
Page 34
Communication interface
5.10.1.
I2C interface characteristics
Table 40 I2C interface characteristics
Symbol
Parameter
Standard I2C
Fast I2C
Unit
Min
Max
Min
Max
tw(SCLL)
SCL clock low time
5.03
-
1.73
-
μs
tw(SCLH)
SCL clock high time
4.90
-
0.72
-
tsu(SDA)
SDA setup time
4420
-
1120
-
ns
th(SDA)
SDA data holding time
0
313.09
0(1)
335.97
tr(SDA)
tr(SCL)
SDA and SCL rise time
-
300.12
-
301.24
tf(SDA)
tf(SCL)
SDA and SCL fall time
-
21.3
-
21.51
th(STA)
Start condition holding time
4.98
-
0.82
-
μs
tsu(STA)
Repeated start condition setup
time
4.95
-
0.87
-
tsu(STO)
Setup time of stop condition
4.94
-
0.84
-
μs
tw(STO:STA)
Time from stop condition to
start condition (bus idle)
5.4
-
2.08
-
μs
Note:
(1)
In order to facilitate bridging of undefined areas along the falling edge of SCL, it is recommended
that the device provide a minimum hold time of 300ns internally for the SDA signal.
Figure 8 Bus AC waveform and test circuit
I²C Bus
VDD
VDD
4.7KΩ
4.7KΩ
SCL
SDA
Repeated start condition
Start condition
tsu(STA)
tsu(STO)
tsu(STO:STA)
Stop condition
Start condition
th(SDA)
tf(STA)
SDA
tr(SDA)
tsu(SDA)
tf(SCL)
tf(SCL)
tw(SCLL)
SCL
th(STA)
tw(SCLH)
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com