Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F4P6-R Datasheet(PDF) 9 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F4P6-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F4P6-R Datasheet(HTML) 9 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F4P6-R Datasheet HTML 5Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 6Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 7Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 8Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 9Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 10Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 11Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 12Page - Geehy Semiconductor Co., Ltd. APM32F003F4P6-R Datasheet HTML 13Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
www.geehy.com
Page 8
Pin number
Pin name
Input
Output
Redefinin
g
functions
9
9
6
VDD
S
-
-
-
-
-
-
-
-
-
10
10
7
PA3
TMR2_CH3
TMR1_ETR
USART3_CK
[SPI_NSS]
I/O
X
X
X
HS
O3
X
X
PA3
SPI_NSS
[AFR1]
11
11
8
PB5
I2C_SDA
USART3_RX
[TMR1_BKIN]
I/O
X
-
X
O1
T
-
PB5
TMR1_BKI
N
[AFR4]
12
12
9
PB4
I2C_SCL
USART3_TX
[ADC_ETR]
I/O
X
-
X
O1
T
-
PB4
ADC_ETR
[AFR4]
13
13
10
PC3
TMR1_CH3
AIN7
VAIN3
[TLI]
[TMR1_CH1N]
I/O
X
X
X
HS
O3
X
X
PC3
TLI
[AFR3]
TMR1_CH
1N
[AFR7]
14
14
11
PC4
TMR1_CH4
CLK_CCO
AIN2
VAIP1
[TMR2_CH2N]
I/O
X
X
X
HS
O3
X
X
PC4
TMR1_CH
2N
[AFR7]
15
15
12
PC5
SPI_SCK
AIN0
VAIP0
[TMR2_CH1]
I/O
X
X
X
HS
O3
X
X
PC5
[TMR2_CH
1]
[AFR0]
16
16
13
PC6
SPI_MOSI
AIN1
VAIN0
[TMR1_CH1]
I/O
X
X
X
HS
O3
X
X
PC6
TMR1_CH
1
[AFR0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com