Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103TBU6-R Datasheet(PDF) 53 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103TBU6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103TBU6-R Datasheet(HTML) 53 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103TBU6-R Datasheet HTML 49Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 50Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 51Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 52Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 53Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 54Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 55Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 56Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 57Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
w w w. g e e h y. c o m
P a g e 52
Symbol
Parameter
Condition
Minimum
value
Typical
value
Maximu
m value
Unit
tS
Sampling time
fADC = 14MHz
0.107
-
17.1
μs
-
1.5
-
239.5
1/fADC
tCONV
Total conversion time (including
sampling time)
fADC = 14MHz
1
-
18
μs
-
14~252 (sampling tS + gradually
approaching 12.5
1/fADC
1.
Guaranteed by comprehensive evaluation and not tested in production.
2.
Cparasitic refers to the parasitic capacitance (about 7PF) on the PCB (related to the welding and
PCB layout quality) and the pad. Large Cparasitic value will reduce the conversion accuracy. The
solution is to reduce fADC.
Figure 19 Typical Application of ADC
RADC(1)
CADC(1)
VDD
VT
VT
IL±1μA
VAIN
RAIN(1)
0.6V
0.6V
AINx
寄生电容
12bit
转换器
GND
The calculation formula for maximum value of external input impedance is as follows:
Formula 1: Maximum RAIN formula
RAIN<
-RADC
Where fADC=14MHZ, CADC=12PF (Table41), RADC=1kΩ (Table41); the relationship
between TS and RAIN under the condition of 0.25LSB sampling error accuracy is shown in the
following table:
Table42 Maximum RAIN at fADC=14MHz (1)
TS (cycle)
tS(
μs)
Maximum RAIN
(kΩ)
Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com