Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103TBU6-R Datasheet(PDF) 42 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103TBU6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103TBU6-R Datasheet(HTML) 42 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103TBU6-R Datasheet HTML 38Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 39Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 40Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 41Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 42Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 43Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 44Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 45Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 46Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image
w w w. g e e h y. c o m
P a g e 41
5.7.7
Backup Domain Power Consumption
Table 31VBAT Power Consumption
Symbol
Parameter
Condition
Typical value (1), TA=25℃
Maximum value (1), V
BAT=3.6V
Unit
VBAT=2.4V
VBAT=3.3V
VBAT=3.6V
TA=85℃
TA=105℃
μA
IDD_VBAT
Backup
area
Supply
current
The low-speed
oscillator and RTC
are in ON state
1.03
1.34
1.47
3.31
4.95
Note: The data are obtained from a comprehensive evaluation and are not tested in production.
5.8
Wake-up time in low-power mode
The time values in the table are measured using an 8MHz HSICLK oscillator as the wake-up
clock source at the wake-up stage. The clock source used when wake-up depends on the
current operation mode:
 Stop or standby mode: The clock source is RC oscillator
 Sleep mode: The clock source is the clock set when entering sleep mode
Table 32Wake-up time in low-power mode
Symbol
Parameter
Typical
value
Unit
tWUSLEEP(1)
Wake up from sleep mode
0.56
μs
tWUSTOP(1)
Wake up from stop mode (the voltage regulator is in operation mode)
2.29
μs
Wake up from stop mode (the voltage regulator is in low-power mode)
3.66
tWUSTDBY(1)
Wake up from standby mode
32.62
μs
1.
The wake-up time is measured from the start of the wake-up event to the first instruction read by
the user program.
5.9
I/O port characteristics
Table33 DC Characteristics (TA=-40℃-105℃, VDD=2.7~3.6V)
Symbo
l
Parameter
Condition
Minimum
value
Typical
Maximum
value
Unit
VIL
Low-level input voltage
TTL port
-0.5
-
0.8
V
VIH
Standard I/O pin, high-level input
voltage
2
-
VDD+0.5
FT I/O pin (1), high-level input voltage
2
-
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com