Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103TBU6-R Datasheet(PDF) 40 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103TBU6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103TBU6-R Datasheet(HTML) 40 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103TBU6-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 38Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 39Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 40Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 41Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 42Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 43Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 44Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
w w w. g e e h y. c o m
P a g e 39
5.7.4
Power consumption in stop mode
Table28 Power Consumption in Stop Mode
Condition
Typical value (1), (TA=25
℃)
Maximum
value (1),
(VDD=3.6V)
VDD=2.4V
VDD=3.3V
VDD=3.6V
TA=105℃
IDDA
(μA)
IDD
(μA)
IDDA
(μA)
IDD
(μA)
IDDA
(μA)
IDD
(μA)
IDDA
(μA)
IDD
(μA)
Power
consumptio
n in stop
mode
Regulator in operation mode,
low-speed and high-speed
internal RC oscillators and
high-speed oscillator OFF (no
independent watchdog)
2.12
20.57
2.65
20.8
2.86
22.06
4.51
237.81
Regulator in low-power mode,
low-speed and high-speed
internal RC oscillators and
high-speed oscillator OFF(no
independent watchdog)
2.12
8.27
2.65
8.48
-
13.6
-
79.18
Note: The data are obtained from a comprehensive evaluation and are not tested in production.
5.7.5
Power consumption in standby mode
Table29 Power Consumption in Standby Mode
Condition
Typical value (1), (TA=25℃)
Maximum
value (1),
(VDD=3.6V)
VDD=2.4V
VDD=3.3V
VDD=3.6V
TA=105℃
IDDA
(μA)
IDD
(μA)
IDDA
(μA)
IDD
(μA)
IDDA
(μA)
IDD
(μA)
IDDA
(μA)
IDD
(μA)
Power
consumption in
standby mode
Low-speed internal RC
oscillator and independent
watchdog ON
2.32
0.36
2.98
0.73
3.25
0.93
4.23
12.4
Low-speed internal RC
oscillator on, independent
watchdog OFF
2.32
0.25
2.98
0.52
3.24
0.73
4.23
12.2
Low-speed internal RC
oscillator and independent
watchdog OFF, low-speed
oscillator and RTC OFF
1.97
0.07
2.49
0.08
2.69
0.17
3.69
11.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com