Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103TBU6-R Datasheet(PDF) 37 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103TBU6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103TBU6-R Datasheet(HTML) 37 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103TBU6-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 38Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 39Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 40Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 41Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
w w w. g e e h y. c o m
P a g e 36
Symbol
Parameter
Condition
Minimum
value
Typical
value
Maximum
value
Unit
PLS[2:0]=011 (rising edge)
2.47
2.51
2.54
V
PLS[2:0]=011 (falling edge)
2.37
2.40
2.46
V
VPVD(3)
Programmable power
supply voltage
detector voltage level
selection
PLS[2:0]=100 (rising edge)
2.57
2.60
2.63
V
PLS[2:0]=100 (falling edge)
2.46
2.50
2.58
V
PLS[2:0]=101 (rising edge)
2.66
2.71
2.74
V
PLS[2:0]=101 (falling edge)
2.56
2.61
2.69
V
PLS[2:0]=110 (rising edge)
2.77
2.81
2.86
V
PLS[2:0]=110 (falling edge)
2.65
2.70
2.8
V
PLS[2:0]=111 (rising edge)
2.86
2.91
2.92
V
PLS[2:0]=111 (falling edge)
2.76
2.80
2.83
V
VPVDhyst(2)
PVD hysteresis
-
-
107
-
mV
VPOR/PDR
Power-on/power-down
reset threshold
Falling edge
1.86(1)
1.87
1.88
V
Rising edge
1.92
1.94
1.96
V
VPDRhyst (2)
PDR hysteresis
-
-
50
-
mV
TRSTTEMPO
Reset duration
-
0.9
-
2.4
ms
1.
The characteristics of the product are guaranteed by design to the minimum value VPOR/PDR.
2.
Guaranteed by design and not tested in production.
3.
The data are obtained from a comprehensive evaluation and are not tested in production.
5.7
Power Consumption
5.7.1
Power consumption test environment
The values are measured by executing Dhrystone 2.1, with the Keil.V5 compilation environment
and the L3 compilation optimization level.
All I/O pins are in analog input mode and are connected to a static level at VDD or VSS (no load)
Unless otherwise specified, all peripherals are disabled
The relationship between Flash wait cycle setting and fHCLK:
0~24MHz: 0 wait cycle
24~48MHz: 1 wait cycle
48~72MHz: 2 wait cycles
72~96MHz: 3 wait cycles
The instruction prefetch function is enabled (note: it must be set before clock setting and bus
frequency division)
When the peripherals are enabled: fPCLK1=fHCLK/2, fPCLK2 =fHCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com