Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103TBU6-R Datasheet(PDF) 2 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103TBU6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103TBU6-R Datasheet(HTML) 2 Page - Geehy Semiconductor Co., Ltd.

  APM32F103TBU6-R Datasheet HTML 1Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 2Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 3Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 4Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 5Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 6Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 7Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 8Page - Geehy Semiconductor Co., Ltd. APM32F103TBU6-R Datasheet HTML 9Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 78 page
background image
w w w. g e e h y. c o m
P a g e 1
1 Product characteristics
 System and Architecture
-
32-bit Arm® Cortex®-M3 core
-
Up to 96MHz working frequency
 Clock and memory
-
HSECLK: 4MHz~16 MHz external crystal
oscillator supported
-
LSECLK: 32.768KHz crystal/ceramic
oscillator supported
-
HSICLK: 8MHz RC oscillator calibrated by
factory
-
LSICLK: 40KHz RC oscillator
-
Flash capacity is up to 128KB
-
SRAM capacity is up to 36KB
 Power supply and low-power mode
-
Reset power supply voltage 2.0V~3.6V
-
Programmable voltage detector (PVD)
supported
-
Sleep, stop and standby three low-power
modes supported
-
VBAT power supply can support RTC and
backup register to work
 ADC and Temperature sensor
-
2 12bit-precision ADC, supporting 16 input
channels
-
ADC voltage conversion range: 0~VDDA
-
Support double sampling and holding
functions
-
1 internal temperature sensor
 I/O
-
80/51/37/26 I/O can be selected, which is
determined by package model
-
All I/O can be mapped to 16 external
interrupts
 DMA
-
1 DMA, supporting 7 independent
configurable channels
 Timer
-
1 16-bit advanced timer TMR1, which
supports dead zone control and emergency
braking functions
-
3 16-bit general-purpose timers TMR2/3/4,
each with up to 4 independent channels to
support input capture, output compare, PWM,
pulse count and other functions
-
2 watchdog timers, which are independent
IWDT and window WWDT respectively
-
1 24-bit autodecrement system timer
SysTick Timer
 Communication interfaces
-
3 USART, supporting ISO7816, LIN and IrDA
functions
-
2 I2C, supporting SMBus/PMBus
-
2 SPI, with up to 18Mbps transmission speed
-
1 QSPI, supporting single-line and four-line
access to flash and DMA
-
1 USB 2.0 FS Device
-
2 CAN 2.0B; USBD and CAN can work
independently at the same time
 1 CRC unit
 96-bit UID
 Serial wire debug SWD and JTAG
interfaces
 Chip packaging
-
LQFP100/LQFP64/LQFP48/QFN36
 Applications
-
Medical devices, PC peripherals, industrial
control, smart meters and household
appliance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com