Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RATCHET Datasheet(PDF) 6 Page - Clarke International

Part # RATCHET
Description  ½”AIR RATCHET WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

RATCHET Datasheet(HTML) 6 Page - Clarke International

Back Button RATCHET Datasheet HTML 2Page - Clarke International RATCHET Datasheet HTML 3Page - Clarke International RATCHET Datasheet HTML 4Page - Clarke International RATCHET Datasheet HTML 5Page - Clarke International RATCHET Datasheet HTML 6Page - Clarke International RATCHET Datasheet HTML 7Page - Clarke International RATCHET Datasheet HTML 8Page - Clarke International RATCHET Datasheet HTML 9Page - Clarke International RATCHET Datasheet HTML 10Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
Air compressors used with the tool must comply with the appropriate
European Community Safety Directives.
The air hose must be rated at least 150% of the maximum operating pressure of
the tool.
For optimum performance it is recommended that a 3/8” ID airline hose is
used.
A build-up of moisture or oil in the air compressor will accelerate wear and
corrosion in the air tool. Ensure any moisture is drained from the compressor
daily and the inlet filter is kept clean.
If an unusually long air hose is required, (over 8 metres), the line pressure or the
hose inside diameter may need to be increased to maintain air pressure at the
tool.
Never exceed the maximum operating pressure for the air tool. It is
recommended that air pressure to this tool does not exceed 90 psi (6.2 Bar) at
the air tool when running. Higher pressures and dirty air will shorten the life of
the tool due to faster wear and is a possible safety hazard.
Check hoses for wear or damage before use.
OVERVIEW
NO DESCRIPTION
NO DESCRIPTION
1
Direction Control
4
Airline Inlet
2
1/2” Square Drive
5
Airline adaptor
3Trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com