Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RATCHET Datasheet(PDF) 10 Page - Clarke International

Part # RATCHET
Description  ½”AIR RATCHET WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

RATCHET Datasheet(HTML) 10 Page - Clarke International

Back Button RATCHET Datasheet HTML 6Page - Clarke International RATCHET Datasheet HTML 7Page - Clarke International RATCHET Datasheet HTML 8Page - Clarke International RATCHET Datasheet HTML 9Page - Clarke International RATCHET Datasheet HTML 10Page - Clarke International RATCHET Datasheet HTML 11Page - Clarke International RATCHET Datasheet HTML 12Page - Clarke International RATCHET Datasheet HTML 13Page - Clarke International RATCHET Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
MAINTENANCE
DAILY
1. Before use, drain water from the airline filter and compressor.
2. If no line lubricator or mini oiler is used, ensure that oil is applied to the tool
on a daily basis through the air inlet connection. Run a few drops of oil
through the tool before use. It may be entered into the tool air inlet,
(ensuring the strainer is clear), or into the hose at the nearest connection to
the air supply. Only then should you operate the tool.
3. This procedure should be repeated after every two to three hours of use, or
at the start of the working day.
WEEKLY
1. Check the air inlet screen filter for
blockage and clean if necessary.
CLEANING
1. Keep the body of the tool clean
and free from debris.
2. Grit or gum deposits in the tool
may reduce efficiency.
3. After extensive use, remove the
inlet screen filter and flush out the
mechanism with gum solvent oil or an equal mixture of CLARKE air-line oil
and paraffin. Allow to dry before use.
4. If the tool still runs erratically or becomes inefficient, and the air supply is of
good quality, it may be necessary to dismantle the air motor and replace
worn or damaged parts. You may prefer to take the tool to your CLARKE
dealer if internal maintenance is required.
PERFORMANCE
Please note that outside factors may affect the tool’s operation and
efficiency such as reduced compressor output, excessive drain on the airline,
moisture or restrictions in the air-line, or the use of connectors of improper size
or poor condition which will reduce air supply.
WARNING: MAKE SURE THAT THE AIR TOOL IS DISCONNECTED FROM THE
AIR SUPPLY BEFORE STARTING ANY CLEANING, OR MAINTENANCE
PROCEDURES.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com