Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RATCHET Datasheet(PDF) 3 Page - Clarke International

Part # RATCHET
Description  ½”AIR RATCHET WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

RATCHET Datasheet(HTML) 3 Page - Clarke International

  RATCHET Datasheet HTML 1Page - Clarke International RATCHET Datasheet HTML 2Page - Clarke International RATCHET Datasheet HTML 3Page - Clarke International RATCHET Datasheet HTML 4Page - Clarke International RATCHET Datasheet HTML 5Page - Clarke International RATCHET Datasheet HTML 6Page - Clarke International RATCHET Datasheet HTML 7Page - Clarke International RATCHET Datasheet HTML 8Page - Clarke International RATCHET Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL SAFETY RULES
THE WORK ENVIRONMENT
1. Keep the work area clean and tidy.
2. Dress appropriately - Do not wear loose clothing or jewellery. Tie long hair
out of the way.
3. Keep children and visitors away - Do not let children handle the tool.
4. DO NOT operate the tool where there are flammable liquids or gases.
USE OF AIR POWERED TOOLS
1. Stay alert and use common sense - do not operate the tool when you are
tired or under the influence of alcohol, drugs or medication.
2. ALWAYS wear eye protectors when using the tool. Eye protectors must
provide protection from flying particles from the front and the side. Ear
protectors should also be worn.
3. DO NOT overreach - Keep proper footing and balance at all times.
4. NEVER use oxygen, CO2, combustible gases or any type of bottled gas as a
source of power for this tool.
5. DO NOT connect the air supply hose with your finger on the trigger.
6. DO NOT exceed the maximum pressure for the tool of 90 psi / 6.2 bar.
7. ALWAYS keep the air hose away from heat, oil and sharp edges.
8. DO NOT fit the air tool to a stand or clamping device that may damage it.
9. Check hoses for leaks or worn condition before use and ensure that all
connections are secure.
10. DO NOT use the tool for any purpose than that described in this manual.
11. DO NOT carry out any alterations or modifications to the air tool.
12. ALWAYS disconnect from the air supply when:
• Performing any maintenance.
• The air tool is not in use.
• The air tool will be left unattended.
CAUTION: FAILURE TO FOLLOW THESE PRECAUTIONS COULD RESULT IN
PERSONAL INJURY, AND/OR DAMAGE TO PROPERTY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com