Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RATCHET Datasheet(PDF) 2 Page - Clarke International

Part # RATCHET
Description  ½”AIR RATCHET WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

RATCHET Datasheet(HTML) 2 Page - Clarke International

  RATCHET Datasheet HTML 1Page - Clarke International RATCHET Datasheet HTML 2Page - Clarke International RATCHET Datasheet HTML 3Page - Clarke International RATCHET Datasheet HTML 4Page - Clarke International RATCHET Datasheet HTML 5Page - Clarke International RATCHET Datasheet HTML 6Page - Clarke International RATCHET Datasheet HTML 7Page - Clarke International RATCHET Datasheet HTML 8Page - Clarke International RATCHET Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Ratchet Wrench which is ideally suited to
quick removal and installation of nuts, bolts, and other fasteners where space
is limited.
Please read all of the safety and operating instructions carefully before using
this product. In doing so you will ensure the safety of yourself and that of others
around you, and you can look forward to your purchase giving you long and
satisfactory service.
Please keep these instructions in a safe place for future reference.
SPECIFICATION
Please note that the details and specifications contained herein are correct
at the time of going to print. However CLARKE International reserve the right to
change specifications at any time without prior notice.
Model Number
CAT199
Part Number(s)
3120516
Min. Hose Size (ID)
1/4” BSP
Max Operating Pressure
90 psi (6.2 bar)
Air Consumption
4 cfm (max @90psi)
Drive size
1/2” Square
Max No Load Speed
180 rpm @ 90psi
Max Torque
60 ft/lb (85 Nm)
Air Inlet Size
1/4“BSP Female
Sound Pressure Level (LpA dB)
86 dB(A)
Sound Power Level (LwA dB)
97 dB(A)
Vibration Levels
3.78 m/s2 (uncertainty factor K= 1.5m/s2)
Weight
1.07 kg
Wrench Dimensions (L x W x H)
238 x 53 x 47 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com