Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RATCHET Datasheet(PDF) 7 Page - Clarke International

Part # RATCHET
Description  ½”AIR RATCHET WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

RATCHET Datasheet(HTML) 7 Page - Clarke International

Back Button RATCHET Datasheet HTML 3Page - Clarke International RATCHET Datasheet HTML 4Page - Clarke International RATCHET Datasheet HTML 5Page - Clarke International RATCHET Datasheet HTML 6Page - Clarke International RATCHET Datasheet HTML 7Page - Clarke International RATCHET Datasheet HTML 8Page - Clarke International RATCHET Datasheet HTML 9Page - Clarke International RATCHET Datasheet HTML 10Page - Clarke International RATCHET Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
BEFORE USE
NOTE: Ensure the compressor is turned off.
1. Remove the travel plug and connect either a suitable hose directly or
using the male adaptor supplied.
2. If required, connect an in-line mini
oiler to the tool.
• A mini oiler helps to prolong the
life of any air tool.
3. If a mini-oiler is not being used, run
a few drops of oil through the tool
before use. It can be entered
through the airline connector or
via the hose at the nearest
connection to the air supply.
4. Connect the other end of the hose
to the compressor.
5. Turn on the air supply and check
for air leaks. Rectify any found
before proceeding. Set the
working pressure to 90psi/6.2 bar
for best performance
• PTFE tape may be useful for
sealing threaded connections.
Your air tool is now ready for use.
WARNING: COMPRESSED AIR CAN BE DANGEROUS. ENSURE THAT YOU
ARE FAMILIAR WITH ALL PRECAUTIONS RELATING TO THE USE OF AIR
COMPRESSORS AND COMPRESSED AIR SUPPLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com