Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8024RSSC-R1 Datasheet(PDF) 3 Page - Linkage Goston Electronics Co., LTD

Part # PN8024RSSC-R1
Description  High-efficiency non-isolated AC/DC conversion chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

PN8024RSSC-R1 Datasheet(HTML) 3 Page - Linkage Goston Electronics Co., LTD

  PN8024RSSC-R1 Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PN8024R
3 / 6
电气特性
(如无其它说明
T
J =25°C, VDD = 15 V
)
表 3. 功率部分
表 4. 电源部分
符号
参数
测试条件
最小
典型
最大
单位
电压参数
VSW_START
启动电压
105
V
IDD_CH
启动管充电电流
VSW = 105V,
VCOMP = 0V, VDD = 11.8 V
-1.2
mA
VDD
工作电压范围
After turn-on
9
24
V
VDDclamp
VDD 箝位电压
28
30
32
V
VDD ovp
VDD 过压
24
29
V
VDDon
VDD 启动电压
11.5
12.5
13.5
V
VDDoff
VDD欠压保护关断阈值
7.5
8
8.5
V
VDD(RESTART)
VDD重启动电压阈值
5
6.5
V
VDD-REF
VDD反馈基准电压
12.3
V
电流参数
IDD
开关状态下工作电流
2
mA
IDD_FAULT
保护状态下工作电流
After
VDD ovp
100
550
uA
IDD_OFF
VDD < VDD_OFF时工作电
流
VDD = 6 V
100
450
uA
符号
参数
测试条件
最小
典型
最大
单位
BVDSS
功率管耐压
ISW =1mA, VCOMP = GND
650
690
V
IOFF
关态漏电流
VSW =600 V, VCOMP = GND
100
uA
RDS(on)
导通电阻
ISW = 1A, VCOMP = 3V
8.0
Ω
www.linkage.cn



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com