Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8024RSSC-R1 Datasheet(PDF) 4 Page - Linkage Goston Electronics Co., LTD

Part # PN8024RSSC-R1
Description  High-efficiency non-isolated AC/DC conversion chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

PN8024RSSC-R1 Datasheet(HTML) 4 Page - Linkage Goston Electronics Co., LTD

  PN8024RSSC-R1 Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PN8024R
4 / 6
表5. 控制部分 (如无其它说明T
J = 25°C, VDD = 15 V
)
符号
参数
测试条件
最小
典型
最大
单位
限流参数
Idlimit
限流值
0.39
0.49
0.59
A
TON_MIN
最小导通时间
500
ns
td
延迟时间
100
ns
tLEB
前沿消隐时间
400
ns
振荡参数
FOSC_MAX
最高开关频率
VCOMP = 3V
60
kHz
FD
频率抖动范围
±8
%
FM
调制频率
250
Hz
DMAX
最大占空比
55
74
%
误差放大器参数
Gain
DC增益
65
dB
I_COMP1
VDD =15V,VCOMP = 2.5V
10
20
uA
I_COMP2
VDD =10V,VCOMP = 2.5V
-20
-10
uA
I_COMP3
VDD =15V,VCOMP = 0.5V
5
20
uA
过温保护参数
TSD
过温保护点
140
160
°C
THYST
过温保护滞回
30
°C
典型电路
N
L
PN8024R
SW
SW
NC
VDD
COMP
GND
GND
GND
FR1
L1
1mH
4.7uF/400
V
EC
2
U1
1N4007
D
2
333
C2
4.7uF/25V
EC3
L2
US1J
D
3
470uF/25V
EC4
D1
1N4007
CX1
0.1uF
5V50mA
220uF/10V
EC5
78L05
U2
Vin
Vou
t
GND
MOV1
10D471
R4
68R
R1
4.7K
4.7uF/400
V
EC
1
R5
68R
www.linkage.cn



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com