Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8024RSSC-R1 Datasheet(PDF) 5 Page - Linkage Goston Electronics Co., LTD

Part # PN8024RSSC-R1
Description  High-efficiency non-isolated AC/DC conversion chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

PN8024RSSC-R1 Datasheet(HTML) 5 Page - Linkage Goston Electronics Co., LTD

  PN8024RSSC-R1 Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PN8024R
5 / 6
功能描述
1. 启动
在启动阶段,内部高压启动管提供
1.2mA电流对外部VDD电容进行充电。当VDD电压达到12.5V,芯片开始
工作;高压启动管停止对
VDD电容充电。启动过程结束后,变压器辅助绕组对VDD电容提供能量。
2. 输出驱动
PN8024R采用特有的驱动技术。驱动能力太弱会使得较高的开关损耗,驱动太强则容易出现EMI问题。
PN8024R采用优化的图腾柱结构,通过合理的输出驱动能力以及死区时间,得到较好的EMI特性和较低的损耗。
3. 振荡器
PN8024R的最大振荡频率为60 kHz,无需外围电路进行设置。它含有特有的频率抖动技术,可以改善EMI特
性。
4. 内置误差放大器及反馈控制
PN8024R片内误差放大器可实现输出电压调制。通过内部电阻分压器,利用误差放大器检测VDD电位可实现
输出电压调制。
5. PFM工作模式
PN8024R工作在PFM模式以减小轻载功耗。当负载减轻,频率降低,较低的开关频率有利于降低开关损耗。
6. 输出恒压调制
PN8024R提供负载补偿功能,可实现良好的负载调制。
7. 过温保护
功率
MOSFET和控制芯片集成在一起,使得控制电路更易于检测MOSFET的温度。当温度超过160℃,芯片进
入过温保护状态。
www.linkage.cn



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com