Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8024RSSC-R1 Datasheet(PDF) 1 Page - Linkage Goston Electronics Co., LTD

Part # PN8024RSSC-R1
Description  High-efficiency non-isolated AC/DC conversion chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

PN8024RSSC-R1 Datasheet(HTML) 1 Page - Linkage Goston Electronics Co., LTD

  PN8024RSSC-R1 Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PN8024R
1 / 6
非隔离高效率交直流转换芯片
概述
PN8024R芯片内部集成了脉宽调制控制器和高雪崩能力的功率MOSFET,适用于小功率非隔离开关电源。该芯片提供了
完整的智能化保护功能,包括过流保护,过压保护,欠压保护,过温保护;降频调制技术有助于改善
EMI特性。该芯片还内置
高压启动模块,保证系统能迅速启动。应用系统的外围元件更加简洁。
应用领域
■
非隔离辅助电源
封装/订购信息
订购代码
封装
特征
■
优化适用于
12V输出非隔离应用
■
满足
85~265V宽AC输入电压
■
改善
EMI的降频调制技术
■
内置高压启动电路
■
半封闭式稳态输出功率>3W @230VAC
■
优异的负载调整率和工作效率
■
全面的保护功能
过流保护(
OCP)
过温保护(
OTP)
过压保护(
OVP)
PN8024RSSC-R1
SOP7
典型应用
www.linkage.cn


Similar Part No. - PN8024RSSC-R1

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8010 MALLORY-PN8010 Datasheet
115Kb / 1P
Billet Hold Down Clamp, Ford
logo
Wuxi Chipown Micro-elec...
PN8016 CHIPOWN-PN8016 Datasheet
320Kb / 11P
Non-isolated Off-line PWM converters
Rev.1809 Sept.-2018
PN8016SSC-R1B CHIPOWN-PN8016SSC-R1B Datasheet
320Kb / 11P
Non-isolated Off-line PWM converters
Rev.1809 Sept.-2018
PN8034 CHIPOWN-PN8034 Datasheet
370Kb / 10P
High-performance non-isolated AC/DC conversion chip
Rev.1801 2018.1
PN8034NSC-T1 CHIPOWN-PN8034NSC-T1 Datasheet
370Kb / 10P
High-performance non-isolated AC/DC conversion chip
Rev.1801 2018.1
More results

Similar Description - PN8024RSSC-R1

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5075-12 ROHM-BP5075-12 Datasheet
541Kb / 3P
Non-isolated AC / DC Converter
BP5034D24 ROHM-BP5034D24_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5037B15 ROHM-BP5037B15_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5038A1 ROHM-BP5038A1_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5045A5 ROHM-BP5045A5_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5048-15 ROHM-BP5048-15_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5062A5 ROHM-BP5062A5_10 Datasheet
1,023Kb / 4P
Non-Isolated AC/DC Converter
BP5068A ROHM-BP5068A_10 Datasheet
1Mb / 4P
Non-Isolated AC/DC Converter
BP5075-5 ROHM-BP5075-5_10 Datasheet
1,023Kb / 4P
Non-Isolated AC/DC Converter
logo
Bel Fuse Inc.
VRP3-90E2A BEL-VRP3-90E2A Datasheet
671Kb / 15P
Non-Isolated High Efficiency
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com