Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8024RSSC-R1 Datasheet(PDF) 2 Page - Linkage Goston Electronics Co., LTD

Part # PN8024RSSC-R1
Description  High-efficiency non-isolated AC/DC conversion chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

PN8024RSSC-R1 Datasheet(HTML) 2 Page - Linkage Goston Electronics Co., LTD

  PN8024RSSC-R1 Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD PN8024RSSC-R1 Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PN8024R
2 / 6
管脚定义
表 1.管脚定义
管脚标号
管脚名
管脚功能描述
1、2
GND
地
3
COMP
反馈控制脚
4
VDD
芯片电源脚
5
NC
空脚
(可与SW脚相连)
6、7
SW
高压
MOSFET漏极
典型功率
表 2. 典型功率
产品型号
输入电压
稳态功率(1)
峰值功率(2)
150-265 VAC
3W(12V250mA)
4.2W(12V350mA)
PN8024R SOP-7
85-265 VAC
2.4W(12V200mA)
3.6W(12V300mA)
备注:
1. 稳态功率在半封闭式 75°C 环境下测试,持续时间大于 2 小时。
2. 峰值功率在半封闭式 75°C 环境下测试,持续时间大于 1min。
极限工作范围
VDD 脚耐压……………………………………………………...…………….……………………….…….…..….….-0.3~32V
SW 脚耐压……………………………………………………..………………..………………………….…….…..….……..650V
COMP 脚耐压…………………………….………………….……………………………………………………………-0.3~5.5V
工作结温
………………………………………………………………………………..……….…..….…..….…..….….-40~150℃
存储温度范围
…………………………………………………………………………………………..….…..….…. ….-55~150℃
管脚焊接温度 (
10秒)……………………………………………….….……………………………..…………………...260℃
封装热阻 (
SOP-7)……………………………………………...............….…………….….…………………………….80℃/W
人体模式
ESD 能力(
ESDA/JEDEC JDS-001-2014)…………………………………………….………..….…..….……...2kV
空气模式
ESD 能力(静电测试仪对芯片引脚直接放电)……………………………………….………..….…..….……...8kV
漏极脉冲电流(
Tpulse=100us)……………...…………………………………………………………………....…….…..…..…3A
www.linkage.cn



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com