Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3000 Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # AM3000
Description  MICRO FLOWMETER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM3000 Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  AM3000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
OUTLINE
The AM3000 series micro flowmeter is a metal tube flowmeter
for small flow measurement. The all-metal construction ensures
precise measurement even in high-temperature and high-pressure
services.
Thanks to its compact design, the AM3000 is suitable for assembling
onto various devices. It can also be used for small-bore industrial
processes.
As outputs, current output and current output with HARTR
communication are available.
Local indication, pneumatic output, and alarm output functions
are available in the M-900 series.
FEATURES
❏
Compact design
Small and light design facilitates installation onto panels as
well as process pipings.
❏
Suitable for corrosive and opaque fluids
Non-corrosive materials such as titanium and UNS10276 are
available to meet your specifications.
❏
HARTR communication protocol
❏
Explosion-proof construction
Certified with several explosion-proof standards
(TIIS, KOSHA, NEPSI, ATEX, IEC-Ex)
❏
Protection rating: IP67
AM3000 Series
MICRO FLOWMETER
OPERATING PRINCIPLE
The flow path has a tapered part. A float containing a magnet is
located in the tapered tube. Fluid flows from the bottom of the
flowmeter and goes upward through the tube. The differential
pressure produced by the float and the tapered tube pushes the
float upward, and the float stops when the weight of the float
and the differential pressure balance. In other words, the position
of the float corresponds to the flow rate. The movement of the
magnet in the float is detected by the magnetic coupling, which
converts it into the movement of the pointer.
Compact indicator for small flow measurement
with HART® communication, ideal for devices, test
plants and general industrial processes
Float
Pointer
Indicator
Scale plate
Tapered tube
(containing
a magnet)
Float rod
Connection
OUT
IN
TG-F2289-E04
5th edition Feb 2026 K
1st edition Sep 2022 K
Internal tube type
External tube type
Flange type
Flameproof type


Similar Part No. - AM3000

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AM300 EXTECH-AM300 Datasheet
237Kb / 7P
300A AC Analog Clamp Meter
logo
Analog Power
AM300N10-2M6FP ANALOGPOWER-AM300N10-2M6FP Datasheet
590Kb / 5P
N-Channel 100-V (D-S) MOSFET
logo
Extech Instruments Corp...
AM300 EXTECH-AM300_15 Datasheet
197Kb / 1P
300A AC Analog Clamp Meter
More results

Similar Description - AM3000

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-61H FUJI-EDS6-61H Datasheet
471Kb / 8P
COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
EDS6-70B FUJI-EDS6-70B Datasheet
240Kb / 18P
SEPARATE TYPE ELECTROMAGNETIC FLOWMETER
EDS6-121A FUJI-EDS6-121A Datasheet
171Kb / 12P
VORTEX FLOWMETER (Eggs DELTA)
EDS6-122A FUJI-EDS6-122A Datasheet
215Kb / 12P
VORTEX FLOWMETER (DELTA FLOWPET)
logo
TT Electronics.
DS1132 TTELEC-DS1132 Datasheet
495Kb / 2P
Platon Plastic VA Flowmeter
DS1170 TTELEC-DS1170 Datasheet
428Kb / 2P
Platon Anaesthetic VA Flowmeter
DS3911 TTELEC-DS3911 Datasheet
275Kb / 1P
GU Flowmeter Accessories
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
PG/PGU Flowmeter Accessories
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com