Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3000 Datasheet(PDF) 5 Page - TOKYO KEISO CO.,LTD.

Part # AM3000
Description  MICRO FLOWMETER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM3000 Datasheet(HTML) 5 Page - TOKYO KEISO CO.,LTD.

  AM3000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TG-F2289-E04
AM3000 Series MICRO FLOWMETER
TOKYO KEISO CO., LTD.
5
AM3000/E1 SERIES (LOCAL INDICATOR WITH CURRENT OUTPUT)
AM3000/H1 SERIES (LOCAL INDICATOR WITH CURRENT OUTPUT AND HART
R COMMUNICATION)
AM3000/E1 series indicates flow rates with a pointer and scale plate, and outputs electric signals (4–20 mA DC) proportional to the flow
rate.
AM3000/H1 series indicates flow rates with a pointer and scale plate, and outputs electric signals (4–20 mA DC) superimposed by digital
signals complying with the HART protocol (multidrop mode).
In addition to the dust-tight and immersion-proof types, intrinsically-safe and flameproof versions will be available in the near future (currently
under consideration).
● Transmitter specifications
Power supply voltage
: 10 to 30 V DC (between transmitter terminals) (intrinsically safe version: 10 to 28 V DC)
Current output
: 4–20 mA DC
Effective output range: 4.0 to 21.6 mA. In abnormal conditions, 22.8 mA or 3.75 mA (optional) is
output.
Allowable load resistance
: 830 Ω or less for AM3000/E1 series (580 Ω or less/24 V DC)
230 to 830 Ω for AM3000/H1 series (HART communication needs at least 230 Ω)
Determine the allowable load resistance for each supply voltage by using the formula:
Allowable load resistance ≤ (Power supply voltage [V] – 10) / 0.024 [Ω]
The allowable load resistance includes the resistance in the wiring.
Output accuracy
: ±1.0% F.S. (against the flow scale)
Temperature change effect
: 10 µA/℃
Low cut-off
: 0 to 20% F.S. (default: 7% F.S.)
Damping
: 0 to 20 s (default: 1 s)
Cable entry
: Dust-tight and immersion-proof, intrinsically-safe: M20 × 1.5, G1/2, NPT1/2, waterproof connector
Flameproof: M20 × 1.5, NPT1/2, flameproof cable gland
Note: For the TIIS flameproof construction, use the EXPC-16B flameproof cable gland (Shimada
Electric Co.). The cable diameter is 6 mm to 12 mm (standard: 10 mm to 12 mm).
Construction
: Dust-tight and immersion-proof
IP67
Intrinsically safe
Ex ia ⅡC T3/T4 (Temperature class of TIIS-certified models is T4,
that of NEPSI-certified models is T1 ... T6)
Flameproof
Ex db ⅡC T3 ... T6 (Temperature class of TIIS-certified models is T4)
Ambient temperature
: Dust-tight and immersion-proof
–20 to +70℃
Intrinsically safe
–20 to +60℃
Flameproof
–20 to +55℃ (TIIS-certified products)
–20 to +60℃ (other certified products)
Insulation resistance
: 20 MΩ or more/500 V DC (between the batch of power supply terminals and the case)
Withstand voltage
: 500 V AC/1 min (between the batch of power supply terminals and the case)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com