Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3000 Datasheet(PDF) 3 Page - TOKYO KEISO CO.,LTD.

Part # AM3000
Description  MICRO FLOWMETER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM3000 Datasheet(HTML) 3 Page - TOKYO KEISO CO.,LTD.

  AM3000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TG-F2289-E04
AM3000 Series MICRO FLOWMETER
TOKYO KEISO CO., LTD.
3
Specifications
The AM3000 series is available in the following types based on indicators, fluids, flow range, and fluid temperature.
For details, see individual specifications. For other specifications, consult Tokyo Keiso.
Type
Standard type
Large-flow type
Flow range
Liquid *1
[L/h]
2 to 5
5 to 10
10 to 300
300 to 600
Gas *1
[L/h (nor)]
60 to 150
150 to 300
300 to 8,500
8,500 to 17,000
Fluid pressure
[MPa]
Max. 10 (Option: 20)
(Subject to flange ratings for the flange connection)
(Max. 2.94 for the types with a liquid damper)
Fluid temperature
[ºC]
0 to 149
(External tube type: –20 to 200 *3)
Indication accuracy *4
[%F.S.]
±5
(High-accuracy type:
±3)
±3
(High-accuracy type:
±2)
Rangeability
10:2
10:1
Connection
Screw
1/4, 3/8 (Standard), 1/2
3/8, 1/2 (Standard), 3/4
Flange
10A, 15A, 20A, 25A
15A, 20A, 25A
Indicator
Internal tube type
○
○
○
○
○
External tube type
○
○
○
○
○
Flameproof type
○
○
○
○
○
Flow direction
• Bottom
→ Top (Types with a liquid damper not available)
• Bottom
→ Top side (Types with a liquid damper not available)
• Bottom side
→ Top side
• Bottom side
→ Top
• Bottom rear
→ Top rear
*1 Liquid: water (density of 1.0 g/cm3, viscosity of 1.0 mPa·s), Gas: air (0ºC, 0 MPa)
*2 Models with a damper are not available.
*3 Models with a damper are not available. The fluid temperature must be –15 to 150ºC for the types with a needle valve.
*4 Flowmeters for liquids with the specified indication accuracies may not be available depending on the liquid viscosity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com