Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3000 Datasheet(PDF) 14 Page - TOKYO KEISO CO.,LTD.

Part # AM3000
Description  MICRO FLOWMETER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM3000 Datasheet(HTML) 14 Page - TOKYO KEISO CO.,LTD.

Back Button AM3000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 10Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 11Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 12Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 13Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 14Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 15Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
TG-F2289-E04
AM3000 Series MICRO FLOWMETER
14
TOKYO KEISO CO., LTD.
4. Magnet strainer (Model AM3000/MG)
Iron particles in liquids may be attracted by the magnet in the float and cause the flowmeter to malfunction. To prevent this, install a
magnet strainer at the inlet of the flowmeter. The 100 mesh strainer is available as standard (200 mesh is optional).
● Standard specification
Nominal size
: 1/4, 3/8, 1/2
Fluid pressure
: Max. 1.5 MPa
Fluid temperature : Max. 200℃
Filter
: 100 mesh (standard)
200 mesh (option)
Material
: SUS304, SUS316
5. Purge set
Combined with a constant flow valve, the AM3000 micro flowmeter keeps flow rates constant even when the primary or secondary
pressure fluctuates. For details, see TECHNICAL GUIDANCE of the C series.
6. Panel mounting type (Model AM3000/PN)
The panel mounting type facilitates mounting onto other instruments.
The locations and dimensions of holes for fixing screws and the dimensions of the panel are shown below.
The fixing screws are to be provided by the customer. Select ones appropriate for the thickness of the panel.
●Dimensions of the magnet strainer
N N
S
S
(75)
IN
OUT
30±0.5
30±0.5
45
4-Ø4.5
32.5
4-M4×6
Panel
43
4-M4
●Panel mounting (side view)
●Panel mounting (front view)
●Panel cut dimensions
Note: Metal fixtures should not be used for supporting the flowmeter.
Support the flowmeter with other tools so as not to apply any force to the piping tube and wiring connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com