Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3000 Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD.

Part # AM3000
Description  MICRO FLOWMETER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

AM3000 Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD.

  AM3000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. AM3000 Datasheet HTML 9Page - TOKYO KEISO CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TG-F2289-E04
AM3000 Series MICRO FLOWMETER
2
TOKYO KEISO CO., LTD.
MODEL CODE
Basic model
Material/Connection code Function 1
code
Function 2
code
The quotation may indicate the Basic model and Function 1 code.
AM3
□ □ □ − □ □ □ □ □ − □ / □ □ / □ □
Specifications
Flow
direction
1
Bottom → Top
2
Bottom → Top side
3
Bottom side → Top side
4
Bottom side → Top
5
Bottom rear → Top rear
Z
Others
Function of
indicator
E
Analog current output
H
Analog current output with HARTR communication
Explosion-proof
W
Dust-tight, immersion-proof/non-explosionproof
E
Flameproof
S
Intrinsically safe
Connection material
− 0 1
SUS304
− 0 2
SUS316
− 0 3
SUS316L
− Z Z
Others
Connection rating
M S
Metric screw threads (F/M thread)
R S
Taper threads (F/Rc thread)
N S
Taper threads (F/NPT thread)
J 1
JIS 10 K
J 4
JIS 20 K
A 2
ANSI Class 150
A 5
ANSI Class 300
P 2
JPI Class 150
P 5
JPI Class 300
Z Z
Others
Connection
T
Screw
R
RF flange
F
FF flange
Z
Others
Connection size
− M
8 mm or 1/4″
− O
10 mm or 3/8″
− 1
15 mm or 1/2″
− 2
20 mm or 3/4″
− 3
25 mm or 1″
− Z
Others
Additional
function 1
Functional construction
/ D L
Liquid damper
/ D U
Gas damper
/ V L
Needle valve at inlet
/ V U
Needle valve at outlet
/ P N
Panel mounting type
Additional
function 2
Output
/ E 1 Analog current output
/ H 1 Analog current output with HARTR communication
Flameproof enclosure
/ C E NEPSI
/ E E ATEX
/ J E TIIS
/ K E KOSHA
/ X E IEC-Ex
Intrinsically safe enclosure
/ C I NEPSI
/ E I ATEX
/ J I TIIS
/ K I KOSHA
/ X I IEC-Ex
Cable entry
/ M 2 M20 × 1.5 (F)
/ G 1 G1/2 (F)
/ N 1 NPT1/2 (F)
Option
Cleaning
/ O L Oil-free treatment
/ W L Water-free treatment
Test
/ L T Airtight test
Accessory
/ P C Metallic waterproof connector
/ F G Flameproof cable gland (necessary for TIIS flameproof )
/ M G Magnet strainer
/ A C Others
Special spec.
Double scale
/ W S Double scale, output for the main scale (Current output and current
output with HARTR communication only)
/ W E Double scale, output for the main and sub scales (Current output
and current output with HARTR communication only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com